Electronic Components Datasheet Search
  English  ▼

X  

LR8809 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR8809
Description  ULTRA-SMALL BUILT-IN DELAY HIGH-PRECISION VOLTAGE DETECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8809 Datasheet(HTML) 4 Page - Leshan Radio Company

  LR8809 Datasheet HTML 1Page - Leshan Radio Company LR8809 Datasheet HTML 2Page - Leshan Radio Company LR8809 Datasheet HTML 3Page - Leshan Radio Company LR8809 Datasheet HTML 4Page - Leshan Radio Company LR8809 Datasheet HTML 5Page - Leshan Radio Company LR8809 Datasheet HTML 6Page - Leshan Radio Company LR8809 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
V0.3
4(7)
CE8809 C/N 20~26
3.0
13.0
—
mA
CE8809 C/N 26~39
3.0
15.0
—
mA
NMOS:
VOUT =0.5 V
VDD =-VDET-0.5 V
CE8809 C/N 39~60
3.0
18.0
—
mA
CE8809 C/N 20~26
1.5
4.0
—
mA
CE8809 C/N 26~39
1.5
6.0
—
mA
Output
current
IOUT
PMOS:
VDD-VOUT =0.5 V
VDD =-VDET+0.5 V
CE8809 C/N 39~60
1.5
8.0
—
mA
Leakage
current
ILEAK
Only for NMOS open-drain output products,
VDD =8.0 V, VOUT =8.0 V
 
—
0.1
uA
temperature
coefficient
Ta=−40°C ~ +85°C
—
±120
±360
ppm/
°C
Delay time
TD
200
mS
*1. −VDET: Actual detection voltage value, −VDET(S): Specified detection voltage value
Functional Description
1. When a voltage higher than the release voltage (+VDET) is applied to the voltage input
pin (VDD), the voltage will gradually fall..When a voltage higher than the detect voltage
(-VDET) is applied to VDD , output (VOUT) will be equal to the input at VDD.
Note that high impedance exists at VOUT with the N-channel open drain configuration. If
the pin is pulled up, VOUT T will be equal to the pull up voltage.
2. When VDD falls below -VDET , VOUT will be equal to the ground voltage (VSS) level
(detect state).
Note that this also applies to N-channel open drain configurations.
3. When VDD falls to a level below that of the minimum operating voltage (VMIN ) output
will become unstable.
Because the output pin is generally pulled up with N-channel open drain configurations,
output will be equal to pull up voltage.
4. When VDD rises above the VSS level (excepting levels lower than minimum operating
voltage), VOUT will be equal to VSS until VDD reaches the +VDET level.
5 . Although VDD will rise to a level higher than +VDET, VOUT maintains ground voltage
level via the delay circuit.
6.
Following transient delay time, VDD will be output at VOUT.
Note that high impedance exists with the N-channel open drain configuration and that
voltage will be dependent on pull up.
Notes :
1. The difference between -VDET and +VDET represents the hysteresis range.
2. Propagation delay time (tD) represents the time it takes for VDD to appear at VOUT
once the said voltage has exceeded the +VDET level.
LRC
LESHAN RADIO COMPANY,LTD.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com