Electronic Components Datasheet Search
  English  ▼

X  

LR8809 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR8809
Description  ULTRA-SMALL BUILT-IN DELAY HIGH-PRECISION VOLTAGE DETECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8809 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR8809 Datasheet HTML 1Page - Leshan Radio Company LR8809 Datasheet HTML 2Page - Leshan Radio Company LR8809 Datasheet HTML 3Page - Leshan Radio Company LR8809 Datasheet HTML 4Page - Leshan Radio Company LR8809 Datasheet HTML 5Page - Leshan Radio Company LR8809 Datasheet HTML 6Page - Leshan Radio Company LR8809 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
V0.3
1(7)
ULTRA-SMALL PACKAGE BUILT-IN DELAY HIGH-PRECISION VOLTAGE DETECTOR
CE8809 Series
Introduction
Application
Block Diagrams
ULTRA-SMALL BUILT-IN DELAY
HIGH-PRECISION VOLTAGE DETECTOR
LR8809 SERIES
The LR8809 Series is a series of
high-precision voltage detectors with a
built-in delay time generator of fixed
time. developed using CMOS process.
The detection voltage is fixed internally,
with an accuracy of ±2.0 %. Internal
oscillator and counter timer can delay
the release signal without external
parts, delay times 200 mS Two output
forms, Nch pen-drain and CMOS
output are available.
Features
• Ultra-low current consumption: 1.0μA@3.5V(typ)
• High-precision detection voltage: ±2.0 %
• Hysteresis characteristics: -VDET ×5%(typ)
• Operating voltage range: 0.95 V to 8.0 V
• Detection voltage: 1.5V to 6.0 V (0.1 V step)
• Delay time: 200 mS(typ)
• Output forms:
NMOS open-drain output (Active Low)
CMOS output (Active Low)
• Memory battery back-up circuits
• Power-on reset circuits
• Power failure detection
• Power monitor for portable equipment
such as notebook computers, digital
cameras, PDA, and cellular phones.
• Constant voltage power monitors
for cameras, video equipment and
communication devices.
• Power monitor for microcomputers and
reset for CPUs.
Ordering Information
CE8809①②③④
DESIGNATOR
SYMBOL
DESCRIPTION
C
CMOS
①
N
Nch open drain
②③
Integer
Output Voltage(1.5V~6.0V)
e.g. 3.0V= ②:3, ③:0
M/MA
Package:SOT23-3
N/NA
Package:SOT343(SC-82)
P
Package:SOT89-3
T/TA
Package:TO-92
④
E
Package:SOT23-6
Nch open-drain
CMOS output
Note:*1-parasitic diode
LRC
LESHAN RADIO COMPANY,LTD.
LR8809


Similar Part No. - LR8809

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
Ultra-Small High-Precision Low Voltage Detector
LR8808 LRC-LR8808 Datasheet
340Kb / 6P
Micropocessor Reset Circuits junction temperature range for operation
LR8808-1.5 LRC-LR8808-1.5 Datasheet
340Kb / 6P
Micropocessor Reset Circuits junction temperature range for operation
LR8808-1.6 LRC-LR8808-1.6 Datasheet
340Kb / 6P
Micropocessor Reset Circuits junction temperature range for operation
LR8808-1.7 LRC-LR8808-1.7 Datasheet
340Kb / 6P
Micropocessor Reset Circuits junction temperature range for operation
More results

Similar Description - LR8809

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
88CXX UTC-88CXX Datasheet
215Kb / 16P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXX UTC-88CXX_10 Datasheet
258Kb / 13P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX UTC-88NXX Datasheet
185Kb / 5P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX UTC-88NXX_11 Datasheet
234Kb / 8P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXX UTC-88CXX_12 Datasheet
330Kb / 12P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX_1112 UTC-88NXX_1112 Datasheet
242Kb / 8P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXX UTC-88CXX_15 Datasheet
320Kb / 12P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX UTC-88NXX_15 Datasheet
237Kb / 8P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
Ultra-small package High-precision Voltage Detector with delay
logo
E-CMOS Corporation
EC9509C E-CMOS-EC9509C Datasheet
491Kb / 10P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com