Electronic Components Datasheet Search
  English  ▼

X  

MPC980 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC980
Description  DUAL 3.3V PLL CLOCK GENERATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC980 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC980 Datasheet HTML 1Page - Motorola, Inc MPC980 Datasheet HTML 2Page - Motorola, Inc MPC980 Datasheet HTML 3Page - Motorola, Inc MPC980 Datasheet HTML 4Page - Motorola, Inc MPC980 Datasheet HTML 5Page - Motorola, Inc MPC980 Datasheet HTML 6Page - Motorola, Inc MPC980 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 2
© Motorola, Inc. 1998
1/98
Dual 3.3V PLL Clock Generator
The MPC980 is a 3.3V dual PLL clock generator targeted for high end
Pentium
™ and PowerPC™ 603/604 personal computers. The MPC980
synthesizes processor as well as PCI clocks from a 14.31818MHz
external crystal. In addition the device provides two buffered outputs of
the 14.31818MHz crystal as well as a 40MHz SCSI clock, a 24MHz floppy
clock and a 12MHz keyboard clock. One of the buffered 14.31818MHz
outputs can be configured to provide a 16MHz output rather than the
second copy of the 14.31818MHz output.
• Provides Processor and System Clocks for Pentium™ Designs
• Provides Processor and System Clocks for PowerPC™ 603/604
Designs
• Two Fully Integrated Phase–Locked Loops
• Cycle–to–Cycle Jitter of ±150ps
• Operates from 3.3V Supply
• 52–Lead LQFP Packaging
The processor clock outputs of the MPC980 can be programmed to
provide 50, 60 or 66MHz. Under all processor output frequencies the PCI
clock outputs will be equal to one half the processor clock outputs. The
PCI outputs will run synchronously to the processor clock outputs. There
are a total of ten output clocks which can be split into a group of four and a
group of six. Either group can be configured as processor or PCI clocks.
Each of the outputs can drive two series terminated transmission lines
allowing for the driving of up to twelve independent processor loads and
eight PCI clock loads. A pin selectable option is available to delay the PCI
clock outputs relative to the processor clocks. The amount of delay is a
function of the processor clock frequency and varies from 2ns to 6ns.
The output jitter of the the PLL at 66MHz output is
±150ps peak–to–peak, cycle–to–cycle (the worst case deviation of the clock
period is guaranteed to be less than
±150ps). The skews between one processor clock and any other processor clock (or one
PCI clock to any other PCI clock) is 350ps. The worst case skew between the processor clocks and the PCI clocks is 500ps.
An output enable pin is provided to tristate all of the outputs for board level test. In addition a testing mode is provided to allow
for the bypass of the PLL’s for board level functional debug.
Pentium is a trademark of Intel Corporation. PowerPC is a trademark of International Business
Machines Corporation.
MPC980
DUAL 3.3V PLL
CLOCK GENERATOR
FA SUFFIX
52–LEAD LQFP PACKAGE
CASE 848D–03


Similar Part No. - MPC980

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
logo
Renesas Technology Corp
MPC9817 RENESAS-MPC9817 Datasheet
283Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
MPC9817EN RENESAS-MPC9817EN Datasheet
283Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
MPC9817ENR2 RENESAS-MPC9817ENR2 Datasheet
283Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
MPC9817SD RENESAS-MPC9817SD Datasheet
283Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
More results

Similar Description - MPC980

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
DUAL PLL CLOCK GENERATOR
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
logo
List of Unclassifed Man...
FS6217-01 ETC-FS6217-01 Datasheet
18Kb / 1P
DUAL PLL CLOCK GENERATOR IC
FS6282 ETC1-FS6282 Datasheet
51Kb / 5P
DUAL PLL CLOCK GENERATOR IC
logo
Alliance Semiconductor ...
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
logo
List of Unclassifed Man...
FS6284 ETC2-FS6284 Datasheet
58Kb / 4P
Dual PLL Clock Generator IC
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
logo
Analog Devices
AD9576 AD-AD9576 Datasheet
1Mb / 65P
Dual PLL, Asynchronous Clock Generator
9/2018-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com