Electronic Components Datasheet Search
  English  ▼

X  

MPC980 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC980
Description  DUAL 3.3V PLL CLOCK GENERATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC980 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC980 Datasheet HTML 1Page - Motorola, Inc MPC980 Datasheet HTML 2Page - Motorola, Inc MPC980 Datasheet HTML 3Page - Motorola, Inc MPC980 Datasheet HTML 4Page - Motorola, Inc MPC980 Datasheet HTML 5Page - Motorola, Inc MPC980 Datasheet HTML 6Page - Motorola, Inc MPC980 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MPC980
ECLinPS and ECLinPS Lite
DL140 — Rev 3
3
MOTOROLA
Figure 2. 52–Lead Pinout (Top View)
VCCI
GND0
QPCI1
VCC0
QPCI0
GND0
Q12M
VCC0
Q40M
GND0
Q24M
OE
GNDA
GNDI
VCC0
QP2
GND0
QP1
VCC0
QP0
GND0
Q14M
VCC0
GND0
Q14_16M
16M_Sel
40
41
42
43
44
45
46
47
48
49
50
51
52
25
24
23
22
21
20
19
18
17
16
15
14
1234
56789
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
26
MPC980
Function Table 1
OE
fsel0
fsel1
QP
QPCI
Q14M
Q16M
Q24M
Q12M
Q40M
0
X
X
High Impedance
High Impedance
Hi Z
Hi Z
Hi Z
Hi Z
Hi Z
1
0
0
50MHz
25MHz
14.31818
16
24
12
40
1
0
1
60MHz
30MHz
14.31818
16
24
12
40
1
1
0
66MHz
33MHz
14.31818
16
24
12
40
1
1
1
TCLK/2
TCLK/4
TCLK
TCLK/6
TCLK/4
TCLK/8
TCLK/2
Function Table 2
Dly_PCI
QP/QPCI Relationship
0
1
Synchronous Processor & PCI Clocks
PCI Clocks Lag Processor Clocks
Function Table 3
TCLK_Sel
PLL Input Reference
0
1
Crystal Oscillator
TCLK
Function Table 4
fsel2
QP/QPCI Output Configuration
0
1
6 Processor and 4 PCI Clocks
4 Processor and 6 PCI Clocks
Function Table 5
16M_Sel
Q14_16M Output Configuration
0
1
14.31818MHz to Q14_16M Out
16MHz to Q14_16M Out



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com