Electronic Components Datasheet Search
  English  ▼

X  

MPC990 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC990
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC990 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC990 Datasheet HTML 1Page - Motorola, Inc MPC990 Datasheet HTML 2Page - Motorola, Inc MPC990 Datasheet HTML 3Page - Motorola, Inc MPC990 Datasheet HTML 4Page - Motorola, Inc MPC990 Datasheet HTML 5Page - Motorola, Inc MPC990 Datasheet HTML 6Page - Motorola, Inc MPC990 Datasheet HTML 7Page - Motorola, Inc MPC990 Datasheet HTML 8Page - Motorola, Inc MPC990 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MPC990 MPC991
TIMING SOLUTIONS
BR1333 — Rev 6
5
MOTOROLA
ECL DC CHARACTERISTICS (TA = 0° to 70°C, VCCA = VCCI = VCCO = 0V, GNDI = –3.3V ±5%, Note 1.)
0
°C
25
°C
70
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
–1.3
–0.7
–1.3
–1.0
–0.7
–1.3
–0.7
V
VOL
Output LOW Voltage
–2.0
–1.4
–2.0
–1.7
–1.4
–2.0
–1.4
V
VIH
Input HIGH Voltage
–1.1
–0.9
–1.1
–0.9
–1.1
–0.9
V
VIL
Input LOW Voltage
–1.8
–1.5
–1.8
–1.5
–1.8
–1.5
V
VPP
Minimum Input Swing
500
500
500
mV
VCMR
Common Mode Range
VCC
–1.3V
VCC
–0.5V
VCC
–1.3V
VCC
–0.5V
VCC
–1.3V
VCC
–0.5V
V
IIH
Input HIGH Current
150
150
150
µA
IGNDI
Power Supply Current
200
240
200
240
200
240
mA
1. Refer to Motorola Application Note AN1545/D “
Thermal Data for MPC Clock Drivers” for thermal management guidelines.
PECL DC CHARACTERISTICS (TA = 0° to 70°C, VCCA = VCCI = VCCO = 3.3V ±5%, GNDI = 0V, Note 2.)
0
°C
25
°C
70
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage (Note 3.)
2.0
2.6
2.0
2.3
2.6
2.3
2.6
V
VOL
Output LOW Voltage (Note 3.)
1.3
1.9
1.3
1.6
1.9
1.3
1.9
V
VIH
Input HIGH Voltage (Note 3.)
2.2
2.4
2.2
2.4
2.2
2.4
V
VIL
Input LOW Voltage (Note 3.)
1.5
1.8
1.5
1.8
1.5
1.8
V
VPP
Minimum Input Swing
500
500
500
mV
VCMR
Common Mode Range
VCC
–1.3V
VCC
–0.5V
VCC
–1.3V
VCC
–0.5V
VCC
–1.3V
VCC
–0.5V
V
IIH
Input HIGH Current
150
150
150
µA
IGNDI
Power Supply Current
200
240
200
240
200
240
mA
2. Refer to Motorola Application Note AN1545/D “
Thermal Data for MPC Clock Drivers” for thermal management guidelines.
3. These values are for VCC = 3.3V. Level Specifications will vary 1:1 with VCC.
AC CHARACTERISTICS (TA = 0° to 70°C, VCCA = VCCI = VCCO = 3.3V ±5%, Termination of 50Ω to VCC – 2.0V)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
fxtal
Crystal Oscillator Frequency
10
25
MHz
tr, tf
Output Rise/Fall Time
0.2
1.0
ns
20% to 80%
tpw
Output Duty Cycle
47.5
50
52.5
%
tos
Output-to-Output Skew
Same Frequency
Different Frequencies
150
250
250
350
ps
fVCO
PLL VCO Lock Range
VCO_Sel = ‘0’
VCO_Sel = ‘1’
400
200
800
400
MHz
FB
÷8 to ÷32 (Note 4.)
FB
÷4 to ÷32
tpd
Ref to Feedback Offset
75
250
425
ps
fref = 50MHz (Note 5.)
fmax
Maximum Output Frequency
Qa,Qb,Qc (
÷2)
Qa,Qb,Qc (
÷4)
Qa,Qb,Qc (
÷6)
Qa,Qb,Qc (
÷8)
400
200
133
100
MHz
tjitter
Cycle–to–Cycle Jitter (Peak–to–Peak)
±50
ps
tlock
Maximum PLL Lock Time
10
ms
4. With VCO_Sel = ‘0’, the PLL will be unstable with a
÷2, ÷4 or ÷6 feedback ratio. With VCO_Sel = ‘1’, the PLL will be unstable with a ÷2 feedback
ratio.
5. tpd is specified for 50MHz input reference FB ÷8. The window will shrink/grow proportionally from the minimum limit with shorter/longer input
reference periods. The tpd does not include jitter.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com