Electronic Components Datasheet Search
  English  ▼

X  

MPC990 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPC990
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC990 Datasheet(HTML) 7 Page - Motorola, Inc

  MPC990 Datasheet HTML 1Page - Motorola, Inc MPC990 Datasheet HTML 2Page - Motorola, Inc MPC990 Datasheet HTML 3Page - Motorola, Inc MPC990 Datasheet HTML 4Page - Motorola, Inc MPC990 Datasheet HTML 5Page - Motorola, Inc MPC990 Datasheet HTML 6Page - Motorola, Inc MPC990 Datasheet HTML 7Page - Motorola, Inc MPC990 Datasheet HTML 8Page - Motorola, Inc MPC990 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MPC990 MPC991
TIMING SOLUTIONS
BR1333 — Rev 6
7
MOTOROLA
should be designed to target this range. The key parameter
that needs to be met in the final filter design is the DC voltage
drop that will be seen between the VCC supply and the VCCA
pin of the MPC990/991. From the data sheet the IVCCA
current (the current sourced through the VCCA pin) is
typically 15mA (20mA maximum), assuming that a minimum
of 3.0V must be maintained on the VCCA pin very little DC
voltage drop can be tolerated when a 3.3V VCC supply is
used. The resistor shown in Figure 4 must have a resistance
of 5–15
Ω to meet the voltage drop criteria. The RC filter
pictured will provide a broadband filter with approximately
100:1 attenuation for noise whose spectral content is above
20KHz. As the noise frequency crosses the series resonant
point of an individual capacitor it’s overall impedance begins
to look inductive and thus increases with increasing
frequency. The parallel capacitor combination shown
ensures that a low impedance path to ground exists for
frequencies well above the bandwidth of the PLL.
Although the MPC990/991 has several design features to
minimize the susceptibility to power supply noise (isolated
power and grounds and fully differential PLL) there still may
be applications in which overall performance is being
degraded due to system power supply noise. The power
supply filter schemes discussed in this section should be
adequate to eliminate power supply noise related problems
in most designs.
Figure 4. Power Supply Filter
VCCA
VCC
MPC990/991
0.01
µF
22
µF
0.01
µF
3.3V
RS=5–15Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com