Electronic Components Datasheet Search
  English  ▼

X  

OPA548F/500 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA548F/500
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA548F/500 Datasheet(HTML) 2 Page - Texas Instruments

  OPA548F/500 Datasheet HTML 1Page - Texas Instruments OPA548F/500 Datasheet HTML 2Page - Texas Instruments OPA548F/500 Datasheet HTML 3Page - Texas Instruments OPA548F/500 Datasheet HTML 4Page - Texas Instruments OPA548F/500 Datasheet HTML 5Page - Texas Instruments OPA548F/500 Datasheet HTML 6Page - Texas Instruments OPA548F/500 Datasheet HTML 7Page - Texas Instruments OPA548F/500 Datasheet HTML 8Page - Texas Instruments OPA548F/500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
OPA548
2
SBOS070B
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
Output Current ................................................................. See SOA Curve
Supply Voltage, V+ to V– ................................................................... 60V
Input Voltage .................................................. (V–) – 0.5V to (V+) + 0.5V
Input Shutdown Voltage ........................................................................ V+
Operating Temperature .................................................. –40
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering 10s)(2) .............................................. 300
°C
Top Front View
PIN CONFIGURATIONS
NOTES: (1) Stresses above these ratings may cause permanent damage.
(2) Vapor-phase or IR reflow techniques are recommended for soldering the
OPA547F surface-mount package. Wave soldering is not recommended due to
excessive thermal shock and “shadowing” of nearby devices.
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information, see the Package Ordering Addendum at the end of this data sheet.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
7-Lead
Straight-Formed
TO-220 (T-1)
NOTE: Tabs are electrically connected to the V– supply.
I
LIM
V–
V
O
V+
V
IN–
V
IN+
123 4 5 6
E/S
7
7-Lead
DDPAK (FA)
Surface-Mount
I
LIM
V–
V
O
V+
V
IN–
V
IN+
123 4 5 6
E/S
7
7-Lead
Stagger-Formed
TO-220 (T)
I
LIM
V–
V
O
V+
V
IN–
V
IN+
123 4 5 6
E/S
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com