Electronic Components Datasheet Search
  English  ▼

X  

OPA548F/500 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA548F/500
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA548F/500 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA548F/500 Datasheet HTML 16Page - Texas Instruments OPA548F/500 Datasheet HTML 17Page - Texas Instruments OPA548F/500 Datasheet HTML 18Page - Texas Instruments OPA548F/500 Datasheet HTML 19Page - Texas Instruments OPA548F/500 Datasheet HTML 20Page - Texas Instruments OPA548F/500 Datasheet HTML 21Page - Texas Instruments OPA548F/500 Datasheet HTML 22Page - Texas Instruments OPA548F/500 Datasheet HTML 23Page - Texas Instruments OPA548F/500 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MECHANICAL DATA
MPSF015 – AUGUST 2001
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
KTW (R-PSFM-G7)
PLASTIC FLANGE-MOUNT
0.010 (0,25)
A
M
4201284/A 08/01
0.385 (9,78)
0.410 (10,41)
M
M
B
C
–A–
0.006
–B–
0.170 (4,32)
0.183 (4,65)
0.000 (0,00)
0.012 (0,305)
0.104 (2,64)
0.096 (2,44)
0.034 (0,86)
0.022 (0,57)
0.050 (1,27)
0.055 (1,40)
0.045 (1,14)
0.014 (0,36)
0.026 (0,66)
0.330 (8,38)
0.370 (9,40)
0.297 (7,54)
0.303 (7,70)
0.0585 (1,485)
0.0625 (1,587)
0.595 (15,11)
0.605 (15,37)
0.019 (0,48)
0.017 (0,43)
0
°~3°
0.179 (4,55)
0.187 (4,75)
0.056 (1,42)
0.064 (1,63)
0.296 (7,52)
0.304 (7,72)
0.300 (7,62)
0.252 (6,40)
F
C
C
H
H
H
C
A
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Lead width and height dimensions apply to the
plated lead.
D.
Leads are not allowed above the Datum B.
E. Stand–off height is measured from lead tip
with reference to Datum B.
F. Lead width dimension does not include dambar
protrusion. Allowable dambar protrusion shall not
cause the lead width to exceed the maximum
dimension by more than 0.003”.
G. Cross–hatch indicates exposed metal surface.
H. Falls within JEDEC MO–169 with the exception
of the dimensions indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com