Electronic Components Datasheet Search
  English  ▼

X  

TL3016IPWLE Datasheet(PDF) 5 Page - Texas Instruments

Part # TL3016IPWLE
Description  ULTRA-FAST LOW-POWER PRECISION COMPARATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3016IPWLE Datasheet(HTML) 5 Page - Texas Instruments

  TL3016IPWLE Datasheet HTML 1Page - Texas Instruments TL3016IPWLE Datasheet HTML 2Page - Texas Instruments TL3016IPWLE Datasheet HTML 3Page - Texas Instruments TL3016IPWLE Datasheet HTML 4Page - Texas Instruments TL3016IPWLE Datasheet HTML 5Page - Texas Instruments TL3016IPWLE Datasheet HTML 6Page - Texas Instruments TL3016IPWLE Datasheet HTML 7Page - Texas Instruments TL3016IPWLE Datasheet HTML 8Page - Texas Instruments TL3016IPWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TL3016, TL3016Y
ULTRA-FAST LOW-POWER
PRECISION COMPARATORS
SLCS130D – MARCH 1997 – REVISED MARCH 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, VDD = ±5 V, VLE = 0 (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL3016C
TL3016I
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
‡
∆VI = 100 mV, TA = 25°C
7.8
10
7.8
10
t d1
Propagation dela time‡
I
,
VOD = 5 mV
TA = full range
7.8
11.2
7.8
12.2
ns
tpd1
Propagation delay time‡
∆VI = 100 mV, TA = 25°C
7.6
10
7.6
10
ns
I
,
VOD = 20 mV
TA = full range
7.6
11.2
7.6
12.2
tsk(p)
Pulse skew (|tpd+ – tpd–|)
∆VI = 100 mV,
TA = 25°C
VOD = 5 mV,
0.5
0.5
ns
tsu
Setup time, LATCH ENABLE
2.5
2.5
ns
† Full range for the TL3016C is 0
°C to 70°C. Full range for the TL3016I is –40°C to 85°C.
‡ tpd1 cannot be measured in automatic handling equipment with low values of overdrive. The TL3016 is 100% tested with a 1-V step and 500-mV
overdrive at TA = 25°C only. Correlation tests have shown that tpd1 limits given can be ensured with this test, if additional dc tests are performed
to ensure that all internal bias conditions are correct. For low overdrive conditions, VOS is added to the overdrive.
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Input voltage
2
ICC
Positive supply current
vs Frequency
3
vs Free-air temperature
4
ICC
Negative supply current
vs Free-air temperature
5
vs Overdrive voltage
6
vs Supply voltage
7
tpd
Propagation delay time
vs Input impedance
8
vs Load capacitance
9
vs Free-air temperature
10
VIC
Common-mode input voltage
vs Free-air temperature
11
Input threshold voltage (LATCH ENABLE)
vs Free-air temperature
12
VO
Output voltage
vs Output source current
13
VO
Output voltage
vs Output sink current
14
II
Input current (LATCH ENABLE)
vs Input voltage
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com