Electronic Components Datasheet Search
  English  ▼

X  

TL3016IPWLE Datasheet(PDF) 7 Page - Texas Instruments

Part # TL3016IPWLE
Description  ULTRA-FAST LOW-POWER PRECISION COMPARATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3016IPWLE Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL3016IPWLE Datasheet HTML 3Page - Texas Instruments TL3016IPWLE Datasheet HTML 4Page - Texas Instruments TL3016IPWLE Datasheet HTML 5Page - Texas Instruments TL3016IPWLE Datasheet HTML 6Page - Texas Instruments TL3016IPWLE Datasheet HTML 7Page - Texas Instruments TL3016IPWLE Datasheet HTML 8Page - Texas Instruments TL3016IPWLE Datasheet HTML 9Page - Texas Instruments TL3016IPWLE Datasheet HTML 10Page - Texas Instruments TL3016IPWLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TL3016, TL3016Y
ULTRA-FAST LOW-POWER
PRECISION COMPARATORS
SLCS130D – MARCH 1997 – REVISED MARCH 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
4
3
1
0
010
20
30
6
7
Overdrive Voltage – mV
PROPAGATION DELAY TIME
vs
OVERDRIVE VOLTAGE
8
40
50
5
2
9
10
VCC = ± 5 V
TA = 25°C
Figure 7
Falling Edge
Rising Edge
6
4
0
4.4
4.6
4.8
5
8
10
PROPAGATION DELAY TIME
vs
SUPPLY VOLTAGE
12
5.2
5.4
5.6
VCC – Supply Voltage – V
2
VCC = ± 5 V
TA = 25°C
Figure 8
5 mV
20 mV
10
6
4
0
0
50
100
150
14
18
PROPAGATION DELAY TIME
vs
INPUT IMPEDANCE
20
200
250
300
16
12
8
2
ZO – Input Impedance – Ω
VCC = ± 5 V
TA = 25°C
Figure 9
tPDHL
tPDLH
CL – Load Capacitance – pF
5
4
2
0
010
20
30
7
9
PROPAGATION DELAY TIME
vs
LOAD CAPACITANCE
10
40
50
8
6
3
1
VCC = ± 5 V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com