Electronic Components Datasheet Search
  English  ▼

X  

MPC993 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC993
Description  Dynamic Switch PLL Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC993 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC993 Datasheet HTML 1Page - Motorola, Inc MPC993 Datasheet HTML 2Page - Motorola, Inc MPC993 Datasheet HTML 3Page - Motorola, Inc MPC993 Datasheet HTML 4Page - Motorola, Inc MPC993 Datasheet HTML 5Page - Motorola, Inc MPC993 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1997
9/97
Dynamic Switch
PLL Clock Driver
The MPC993 is a PLL clock driver designed specifically for redundant
clock tree designs. The device receives two differential LVPECL clock
signals from which it generates 5 new differential LVPECL clock outputs.
Two of the output pairs regenerate the input signals frequency and phase
while the other three pairs generate 2x, phase aligned clock outputs.
External PLL feedback is used to also provide zero delay buffer
performance.
• Fully Integrated PLL
• Intelligent Dynamic Clock Switch
• LVPECL Clock Outputs
• LVCMOS Control/Statis I/O
• 3.3V Operation
• 32–Lead TQFP Packaging
• ±50ps Cycle–Cycle Jitter
The MPC993 continuously monitors the two input signals to identify faulty reference clocks. Upon identification of a faulty
input clock (input clock stuck HIGH or LOW for at least 3 feedback clock edges), an input bad flag will be set and the device will
automatically switch from the bad reference clock input to the good one. During this dynamic switch of the input references, the
MPC993 outputs will slew, with minimal period disturbances to the new phase.
Figure 1. Block Diagram
CLK0
CLK0
CLK1
CLK1
Ext_FB
Ext_FB
OR
Sel_Clk
Dynamic Switch
Logic
PLL
PLL_En
÷2
÷4
Qb0
Qb0
Qb1
Qb1
Qb2
Qb2
Qa0
Qa0
Qa1
Qa1
MR
MPC993
FA SUFFIX
32–LEAD PLASTIC TQFP PACKAGE
CASE 751D–04


Similar Part No. - MPC993

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC990 MOTOROLA-MPC990 Datasheet
146Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC991 MOTOROLA-MPC991 Datasheet
146Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC9992 MOTOROLA-MPC9992 Datasheet
143Kb / 12P
3.3 DIFFRERENTIAL ECL/PECL PLL CLOCK GENERATOR
MPC9993 MOTOROLA-MPC9993 Datasheet
102Kb / 8P
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
More results

Similar Description - MPC993

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC99J93 MOTOROLA-MPC99J93 Datasheet
265Kb / 8P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
MPC9993 MOTOROLA-MPC9993 Datasheet
102Kb / 8P
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
logo
Exar Corporation
XRK799J93 EXAR-XRK799J93 Datasheet
205Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7933 EXAR-XRK7933 Datasheet
233Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7955 EXAR-XRK7955 Datasheet
233Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7988 EXAR-XRK7988 Datasheet
231Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK79892 EXAR-XRK79892 Datasheet
277Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
logo
Integrated Device Techn...
MPC9993 IDT-MPC9993 Datasheet
335Kb / 11P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
logo
Renesas Technology Corp
MPC99J93 RENESAS-MPC99J93 Datasheet
560Kb / 10P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
MPC9993 RENESAS-MPC9993 Datasheet
618Kb / 12P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com