Electronic Components Datasheet Search
  English  ▼

X  

AM1541CE Datasheet(PDF) 2 Page - Analog Power

Part # AM1541CE
Description  High performance trench technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM1541CE Datasheet(HTML) 2 Page - Analog Power

  AM1541CE Datasheet HTML 1Page - Analog Power AM1541CE Datasheet HTML 2Page - Analog Power AM1541CE Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AM1541CE
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM1541CE_A
2
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of
the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential
or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different
applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products
are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation where personal
injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall
indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such
unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an
Equal Opportunity/Affirmative Action Employer.
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VDS = VGS, ID = 250 uA
(N-ch)
1
V
VDS = VGS, ID = -250 uA (P-ch)
-1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±10
uA
VDS = 32 V, VGS = 0 V
(N-ch)
1
VDS = -32 V, VGS = 0 V
(P-ch)
-1
VDS = 5 V, VGS = 4.5 V
(N-ch)
1.5
A
VDS = -5 V, VGS = -4.5 V
(P-ch)
-1.5
A
VGS = 10 V, ID = 1.2 A
(N-ch)
140
VGS = 4.5 V, ID = 0.96 A
(N-ch)
190
VGS = -10 V, ID = -0.8 A
(P-ch)
300
VGS = -4.5 V, ID = -0.64 A (P-ch)
390
VDS = 10 V, ID = 1.2 A
(N-ch)
3
S
VDS = -10 V, ID = -0.8 A
(P-ch)
5
S
IS = 0.2 A, VGS = 0 V
(N-ch)
0.65
V
IS = -1.2 A, VGS = 0 V
(P-ch)
-0.66
V
Total Gate Charge
Qg
5
Gate-Source Charge
Qgs
0.3
Gate-Drain Charge
Qgd
0.7
Turn-On Delay Time
td(on)
8
Rise Time
tr
13
Turn-Off Delay Time
td(off)
25
Fall Time
tf
8
Input Capacitance
Ciss
73
Output Capacitance
Coss
25
Reverse Transfer Capacitance
Crss
20
Total Gate Charge
Qg
4
Gate-Source Charge
Qgs
0.5
Gate-Drain Charge
Qgd
0.9
Turn-On Delay Time
td(on)
8
Rise Time
tr
10
Turn-Off Delay Time
td(off)
28
Fall Time
tf
13
Input Capacitance
Ciss
120
Output Capacitance
Coss
28
Reverse Transfer Capacitance
Crss
25
Static
Gate-Source Threshold Voltage
On-State Drain Current
Zero Gate Voltage Drain Current
Drain-Source On-Resistance
VSD
Dynamic
N - Channel
VDS = 10 V, VGS = 4.5 V, ID = 1.2 A
Forward Transconductance
gfs
Diode Forward Voltage
P - Channel
VDS = -10 V, VGS = 4.5 V, ID = -0.8 A
nC
N - Channel
VDD = 10 V, RL = 8.3 ,
ID = 1.2 A,
VGEN = 4.5 V, RGEN = 6
ns
N - Channel
VDS = 15 V, VGS = 0 V, f = 1 MHz
pF
VGS(th)
uA
P - Channel
VDS = -15 V, VGS = 0 V, f = 1 MHz
pF
nC
ID(on)
IDSS
rDS(on)
m
m
P - Channel
VDD = -10 V, RL = 12.5
,
ID = -0.8 A,
VGEN = -4.5 V, RGEN = 6
ns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com