Electronic Components Datasheet Search
  English  ▼

X  

AM1541CE Datasheet(PDF) 1 Page - Analog Power

Part # AM1541CE
Description  High performance trench technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM1541CE Datasheet(HTML) 1 Page - Analog Power

  AM1541CE Datasheet HTML 1Page - Analog Power AM1541CE Datasheet HTML 2Page - Analog Power AM1541CE Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AM1541CE
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM1541CE_A
1
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
rDS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
VDS (V)
rDS(on) ( )
ID (A)
140 @ VGS = 10V
1.2
190 @ VGS = 4.5V
1.1
300 @ VGS = -10V
-0.9
390 @ VGS = -4.5V
-0.8
40
PRODUCT SUMMARY
-20
•
Low rDS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
SC70-6 saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
1
2
3
4
5
6
Symbol N-Channe l P-Channe l Units
VDS
40
-40
VGS
20
-20
TA=25
o
C
1.2
-0.9
TA=70
o
C
1
-0.7
IDM
1.2
-1.2
IS
0.25
-0.25
A
TA=25
o
C
0.3
0.3
TA=70
o
C
0.21
0.21
TJ, Tstg
o
C
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
-55 to 150
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Paramete r
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Symbol
Maximum
Units
t <= 5 sec
415
Steady-State
460
THERMAL RESISTANCE RATINGS
Parameter
oC/W
Maximum Junction-to-Ambient
a
RTHJA
ESD
Protected


Similar Part No. - AM1541CE

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
AM154 PANJIT-AM154 Datasheet
41Kb / 2P
1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Transys Electronics
AM154 TRSYS-AM154 Datasheet
116Kb / 2P
1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
logo
Comchip Technology
AM154 COMCHIP-AM154 Datasheet
46Kb / 2P
Silicon Miniature Single-Phase Bridge
logo
Pan Jit International I...
AM154 PANJIT-AM154 Datasheet
53Kb / 2P
1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
logo
Comchip Technology
AM154-G COMCHIP-AM154-G Datasheet
54Kb / 2P
Silicon Miniature Single-Phase Bridge
More results

Similar Description - AM1541CE

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSM5800 KERSEMI-KSM5800 Datasheet
1Mb / 7P
High performance trench technology for extermly low Rdson
logo
List of Unclassifed Man...
MT2301 ETC2-MT2301 Datasheet
522Kb / 7P
High performance trench technology for extremely low RDS(ON)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com