Electronic Components Datasheet Search
  English  ▼

X  

AD8002ARZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8002ARZ
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002ARZ Datasheet(HTML) 5 Page - Analog Devices

  AD8002ARZ Datasheet HTML 1Page - Analog Devices AD8002ARZ Datasheet HTML 2Page - Analog Devices AD8002ARZ Datasheet HTML 3Page - Analog Devices AD8002ARZ Datasheet HTML 4Page - Analog Devices AD8002ARZ Datasheet HTML 5Page - Analog Devices AD8002ARZ Datasheet HTML 6Page - Analog Devices AD8002ARZ Datasheet HTML 7Page - Analog Devices AD8002ARZ Datasheet HTML 8Page - Analog Devices AD8002ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. D
AD8002
–5–
1M
10M
1G
100M
0
–0.5
–0.1
–0.2
–0.3
–0.4
0.1
1
–4
–9
–5
–6
–7
–8
–3
–2
–1
0
FREQUENCY – Hz
G = +2
RL = 100
VIN = 50mV
SIDE 1
SIDE 2
SIDE 1
SIDE 2
75
50
50
RF
681
681
TPC 7. Frequency Response and Flatness, G = +2
FREQUENCY – Hz
–50
–60
–110
10k
100M
100k
1M
10M
–70
–80
–100
–90
2ND HARMONIC
3RD HARMONIC
G = +2
RL = 100
TPC 8. Distortion vs. Frequency, G = +2, RL = 100
Ω
FREQUENCY – Hz
–60
–110
10k
100M
100k
1M
10M
–70
–80
–100
–90
2ND HARMONIC
3RD HARMONIC
G = +2
RL = 1k
VOUT = 2V p-p
–120
TPC 9. Distortion vs. Frequency, G = +2, RL = 1 k
Ω
–70
1M
100M
10M
100k
–60
–100
–90
–80
OUTPUT SIDE 1
OUTPUT SIDE 2
–50
–40
–30
–20
–110
–120
FREQUENCY – Hz
VIN = –4dBV
RL = 100
VS = 5.0V
G = +2
RF = 750
TPC 10. Crosstalk (Output-to-Output) vs. Frequency
NOTES: SIDE 1: VIN = 0V; 8mV/div RTO
SIDE 2: 1V STEP RTO; 400mV/div
G = + 2
RF = 750
RC = 75
RL = 100
SIDE 1
SIDE 2
5ns
TPC 11. Pulse Crosstalk, Worst Case, 1 V Step
0.02
0.06
0.02
1
0.04
–0.02
0.08
–0.01
0.00
0.01
IRE
0.00
G = +2
RF = 750
NTSC
23
45
6
7
8
9
10
11
2 BACK-TERMINATED
LOADS (75 )
1 BACK-TERMINATED
LOAD (150 )
2 BACK-TERMINATED
LOADS (75 )
1 BACK-TERMINATED
LOAD (150 )
TPC 12. Differential Gain and Differential Phase
(per Amplifier)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com