Electronic Components Datasheet Search
  English  ▼

X  

AD8002ARZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8002ARZ
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002ARZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8002ARZ Datasheet HTML 3Page - Analog Devices AD8002ARZ Datasheet HTML 4Page - Analog Devices AD8002ARZ Datasheet HTML 5Page - Analog Devices AD8002ARZ Datasheet HTML 6Page - Analog Devices AD8002ARZ Datasheet HTML 7Page - Analog Devices AD8002ARZ Datasheet HTML 8Page - Analog Devices AD8002ARZ Datasheet HTML 9Page - Analog Devices AD8002ARZ Datasheet HTML 10Page - Analog Devices AD8002ARZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. D
AD8002
–7–
G = +2
2V STEP
RF = 750
RC = 75
OUTPUT
ERROR,
(0.05%/DIV)
INPUT
10ns
400mV
TPC 19. Short-Term Settling Time
3.4
2.5
125
2.7
2.6
–35
–55
2.8
2.9
3.0
3.1
3.2
3.3
105
85
65
45
25
5
–15
JUNCTION TEMPERATURE – C
+VOUT
|–VOUT|
VS = 5V
RL = 150
+VOUT
|–VOUT|
VS = 5V
RL = 50
TPC 20. Output Swing vs. Temperature
5
–3
–1
–2
1
0
2
3
4
125
–35
–55
105
85
65
45
25
5
–15
JUNCTION TEMPERATURE – C
–IN
+IN
TPC 21. Input Bias Current vs. Temperature
ERROR,
(0.05%/DIV)
G = +2
2V STEP
RF = 750
RC = 75
RL = 100
OUTPUT
INPUT
400mV
TPC 22. Long-Term Settling Time
4
–3
0
–2
–1
3
1
2
125
–35
–55
105
85
65
45
25
5
–15
JUNCTION TEMPERATURE – C
DEVICE #1
DEVICE #2
DEVICE #3
TPC 23. Input Offset Voltage vs. Temperature
11.5
9.0
125
10.5
9.5
–35
10.0
–55
11.0
105
85
65
45
25
5
–15
JUNCTION TEMPERATURE – C
VS = 5V
TPC 24. Total Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com