Electronic Components Datasheet Search
  English  ▼

X  

HS12P Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # HS12P
Description  Non-refresh type humidity sensor made of polymer.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HS12P Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  HS12P Datasheet HTML 1Page - Freescale Semiconductor, Inc HS12P Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
808 US Highway 1
Edison, New Jersey 08817-4695 USA
Tel +1 (732) 287 2870
Fax +1 (732) 287 8847
Crown Industrial Estate, Priorswood Rd
Taunton, Somerset TA2 8QY UK
Tel +44 (0)1823 335200
Fax +44 (0)1823 332637
967 Windfall Road
St Marys, Pennsylvania 15857-3397 USA
Tel +1 (814) 834 9140
Fax +1 (814) 781 7969
HUMIDITY SENSORS: TYPE HS12P, HS15P
RELATIVE HUMIDITY SENSOR
DESCRIPTION:
Non-refresh type humidity sensor made of polymer.
DIMENSIONS:
FEATURES:
•
Good long term reliability
•
Cost effective performance
•
HS15P water resistive
•
Typical applications include humidity monitors,
humidity controllers, air conditioners, humidifiers,
dehumidifiers, automatic ventilation
Data sheet D-HS12/15P-1
CODING:
HS12P: quick response type
HS15P: water resistant type
CO DE
HS12P
H S15P
O perating
Tem perature
O perating Hum idi
ty
20 to 90% R H
(wi
thout
condensi
ng)
20 to 100% RH
I
m pedance at25
o
C
50% R H
Rated Vol
tage
Rated Frequency
C onsum pti
on
Pow er
0.3 mW
0 to 50
o
C
60 k ohm +/-30 k ohm (+/-5% R H)
A.C.1 V rms
50 Hz to 1 kHz
DATA:
Dimensions in mm
1. Filter
2. Case .................... ABS: Dark blue (HS12P)
........................................ Light blue (HS15P)
3. Lead wire ......................... Sn-Pb plated Cu
.......................................... Diameter: 0.6mm
WARNING:
Use only within the specified limits.
Do not disassemble and change any parts.
Do not apply DC voltage or DC bias.
Do not immerse into water or any solution.
24 ± 1
15 ± 0.1
12 ± 0.1
4.5 ± 0.1
1
2
3
5 ± 0.2
g


Similar Part No. - HS12P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HS12PA-2A HIROSE-HS12PA-2A Datasheet
421Kb / 10P
HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
HS12PA-2B HIROSE-HS12PA-2B Datasheet
421Kb / 10P
HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
HS12PA-2C HIROSE-HS12PA-2C Datasheet
421Kb / 10P
HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
HS12PB-2A HIROSE-HS12PB-2A Datasheet
421Kb / 10P
HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
HS12PB-2B HIROSE-HS12PB-2B Datasheet
421Kb / 10P
HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS
More results

Similar Description - HS12P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232269190001 VISHAY-232269190001 Datasheet
122Kb / 1P
Humidity Sensor
10-Oct-03
logo
RFE international
HCZ-H6 RFE-HCZ-H6 Datasheet
215Kb / 2P
HUMIDITY SENSOR
logo
List of Unclassifed Man...
MC02 ETC-MC02 Datasheet
224Kb / 2P
Polymer Relative Humidity Capacitor
MMT1001 ETC-MMT1001 Datasheet
263Kb / 3P
Resistive-type humidity and temperature sensor/module
logo
TDK Electronics
CHS-CGC5-28 TDK-CHS-CGC5-28 Datasheet
175Kb / 11P
Humidity Sensor
logo
Amphenol Corporation
HS30P AMPHENOL-HS30P Datasheet
195Kb / 4P
Humidity sensor
logo
Vishay Siliconix
238169190001 VISHAY-238169190001 Datasheet
135Kb / 2P
Humidity Sensor
24-Jun-09
logo
ALPS ELECTRIC CO.,LTD.
HSHCAA006A ALPS-HSHCAA006A Datasheet
356Kb / 10P
Humidity Sensor
HSHCAA106E ALPS-HSHCAA106E Datasheet
331Kb / 7P
Humidity Sensor
HSHCAA114A ALPS-HSHCAA114A Datasheet
1Mb / 7P
Humidity Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com