Electronic Components Datasheet Search
  English  ▼

X  

HS12P Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # HS12P
Description  Non-refresh type humidity sensor made of polymer.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HS12P Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  HS12P Datasheet HTML 1Page - Freescale Semiconductor, Inc HS12P Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
808 US Highway 1
Edison, New Jersey 08817-4695 USA
Tel +1 (732) 287 2870
Fax +1 (732) 287 8847
Crown Industrial Estate, Priorswood Rd
Taunton, Somerset TA2 8QY UK
Tel +44 (0)1823 335200
Fax +44 (0)1823 332637
967 Windfall Road
St Marys, Pennsylvania 15857-3397 USA
Tel +1 (814) 834 9140
Fax +1 (814) 781 7969
HUMIDITY SENSORS: TYPE HS12P, HS15P
RELATIVE HUMIDITY SENSOR
Data sheet D-HS12/15P-1
TYPICAL HUMIDITY CURVE:
TYPICAL RESPONSE CURVE:
AC 1Vrms, 1kHz
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
0
20406080
100
Relative Humidity [%RH]
5C
15C
25C
35C
45C
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
010
20
30
Time [min]
30 to 90%RH
90 to 30%RH
AC 1V 1kHz (25oC)
g



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com