Electronic Components Datasheet Search
  English  ▼

X  

B25360 Datasheet(PDF) 2 Page - EPCOS

Part # B25360
Description  Film capacitors ??Power Electronic Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25360 Datasheet(HTML) 2 Page - EPCOS

  B25360 Datasheet HTML 1Page - EPCOS B25360 Datasheet HTML 2Page - EPCOS B25360 Datasheet HTML 3Page - EPCOS B25360 Datasheet HTML 4Page - EPCOS B25360 Datasheet HTML 5Page - EPCOS B25360 Datasheet HTML 6Page - EPCOS B25360 Datasheet HTML 7Page - EPCOS B25360 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Film capacitors – Power Electronic Capacitors
B2536*
General purpose applications
MKP AC HP
FILM P PM
May 2012
Please read Cautions and warnings and
Page 2 of 8
Important notes at the end of this document.
Construction
and general data
Metallized polypropylene film capacitors
Aluminum case for general purpose applications
Oil filling: Castor oil
Safety device: Overpressure disconnector, self-healing technology
Mounting and grounding: Stud on bottom of aluminum can
Cooling: Naturally air-cooled (or forced air cooling)
Degree of protection: Indoor mounting
Pollution degree: PD4
Test data
Voltage between terminals VTT
1.5
• VRMS, 60 s
Voltage between terminals and
aluminium canVTC
3000 V ACRMS, 10 s
Dissipation factor tan δ (100 Hz)
≤ 1.0 · 10
-3
Life test
IEC 61071
Life expectancy
Up to 100 000 hours for VRMS |
ΔC/C| ≤3%
Characteristics
Rated capacitance CN
10 … 150 µF
Tolerance
±5%
Connection
M10 terminals
Rated AC voltage
VRMS
550 V
640 V
780 V
1000 V
Rated DC voltage
VR
780 V
900 V
1100 V
1400 V
Repetitive peak voltage
Vi
910 V
1060 V
1290 V
1650 V
Non repetitive peak voltage
VS
1800 V
2100 V
2600 V
3300 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com