Electronic Components Datasheet Search
  English  ▼

X  

B25360 Datasheet(PDF) 4 Page - EPCOS

Part # B25360
Description  Film capacitors ??Power Electronic Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25360 Datasheet(HTML) 4 Page - EPCOS

  B25360 Datasheet HTML 1Page - EPCOS B25360 Datasheet HTML 2Page - EPCOS B25360 Datasheet HTML 3Page - EPCOS B25360 Datasheet HTML 4Page - EPCOS B25360 Datasheet HTML 5Page - EPCOS B25360 Datasheet HTML 6Page - EPCOS B25360 Datasheet HTML 7Page - EPCOS B25360 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Film capacitors – Power Electronic Capacitors
B2536*
General purpose applications
MKP AC HP
FILM P PM
May 2012
Please read Cautions and warnings and
Page 4 of 8
Important notes at the end of this document.
Terms and formulas
Maximum current Imax
The maximum RMS current for continuous operation
Maximum peak current î
The maximum current amplitude which occurs instantaneously during continuous operation.
The maximum peak current (Î) and the maximum rate of voltage rise (dV/dt) max on a capacitor are related as
follows:
Î = C · (dv/dt)max
Maximum surge current Is
The admissible peak current induced by a switching or any other disturbance of the system which is allowed for
a limited number of times.
Is = C · (dv/dt)s
Maximum duration:
50 ms/pulse
Maximum number of occurrences:
1000 (during load)
Series Resistance Rs
The series resistance of a capacitor is the result of the resistive losses that occur in the electrodes, in the
contacting and in the inner wiring.
The series resistance Rs generates the ohmic losses (I
2.Rs) in a capacitor, and it is largely independent of
frequency.
Self-Inductance Lself
The self-inductance is produced by the inductance of the terminals and the windings.
With Self-Inductance, it is possible to determine the Resonance Frequency.
C
L
F
self
π
2
1
=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com