Electronic Components Datasheet Search
  English  ▼

X  

K164 Datasheet(PDF) 7 Page - EPCOS

Part # K164
Description  NTC thermistors for temperature measurement
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

K164 Datasheet(HTML) 7 Page - EPCOS

Back Button K164 Datasheet HTML 3Page - EPCOS K164 Datasheet HTML 4Page - EPCOS K164 Datasheet HTML 5Page - EPCOS K164 Datasheet HTML 6Page - EPCOS K164 Datasheet HTML 7Page - EPCOS K164 Datasheet HTML 8Page - EPCOS K164 Datasheet HTML 9Page - EPCOS K164 Datasheet HTML 10Page - EPCOS K164 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
R/T characteristics
R/T No.
1303
1305
1306
T (
°C)
B25/100 = 3050 K
B25/100 = 3200 K
B25/100 = 3450 K
RT/R25
α (%/K) R
T/R25
α (%/K) R
T/R25
α (%/K)
55.0
34.363
5.8
42.131
6.2
49.935
6.3
50.0
25.827
5.6
31.129
5.9
36.64
6.1
45.0
19.635
5.4
23.273
5.7
27.18
5.9
40.0
15.089
5.2
17.592
5.5
20.37
5.7
35.0
11.712
5.0
13.438
5.3
15.416
5.5
30.0
9.1774
4.8
10.366
5.0
11.775
5.3
25.0
7.2552
4.6
8.1005
4.9
9.0698
5.1
20.0
5.7835
4.5
6.3856
4.8
7.0497
5.0
15.0
4.6467
4.3
5.0364
4.7
5.5187
4.8
10.0
3.7611
4.2
4.0067
4.4
4.3558
4.7
5.0
3.0547
4.1
3.2217
4.3
3.4609
4.5
0.0
2.4986
4.0
2.6097
4.2
2.7705
4.4
5.0
2.0575
3.8
2.126
4.0
2.2313
4.3
10.0
1.7051
3.7
1.7438
3.9
1.8098
4.1
15.0
1.421
3.6
1.4415
3.8
1.4762
4.0
20.0
1.191
3.6
1.1987
3.7
1.2116
3.9
25.0
1.0000
3.3
1.0000
3.5
1.0000
3.8
30.0
0.85053
3.3
0.84185
3.4
0.82984
3.7
35.0
0.72386
3.2
0.7108
3.3
0.6922
3.6
40.0
0.61897
3.1
0.60317
3.2
0.58042
3.5
45.0
0.53134
3.0
0.51419
3.1
0.48899
3.4
50.0
0.45814
2.9
0.44037
3.1
0.41395
3.3
55.0
0.39637
2.9
0.37824
3.0
0.35197
3.2
60.0
0.34439
2.7
0.32636
2.9
0.3006
3.1
65.0
0.30081
2.7
0.28333
2.8
0.2578
3.0
70.0
0.26372
2.6
0.24697
2.7
0.22197
3.0
75.0
0.23212
2.5
0.21573
2.7
0.19189
2.9
80.0
0.20501
2.5
0.18908
2.6
0.16648
2.8
85.0
0.1815
2.4
0.16649
2.5
0.14498
2.7
90.0
0.16117
2.4
0.14709
2.5
0.12669
2.7
95.0
0.1433
2.3
0.13021
2.4
0.11109
2.6
100.0
0.12775
2.2
0.1156
2.3
0.097717
2.5
105.0
0.11458
2.1
0.10301
2.3
0.086235
2.5
110.0
0.10306
2.1
0.092038
2.2
0.076325
2.4
115.0
0.092752
2.1
0.082442
2.2
0.06776
2.4
120.0
0.083677
2.0
0.074035
2.1
0.06032
2.3
125.0
0.075739
2.0
0.066701
2.1
0.053852
2.2
Temperature measurement and compensation
B57164K
Leaded NTC thermistors, lead spacing 5 mm
K164
Page 7 of 30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com