Electronic Components Datasheet Search
  English  ▼

X  

K164 Datasheet(PDF) 13 Page - EPCOS

Part # K164
Description  NTC thermistors for temperature measurement
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

K164 Datasheet(HTML) 13 Page - EPCOS

Back Button K164 Datasheet HTML 9Page - EPCOS K164 Datasheet HTML 10Page - EPCOS K164 Datasheet HTML 11Page - EPCOS K164 Datasheet HTML 12Page - EPCOS K164 Datasheet HTML 13Page - EPCOS K164 Datasheet HTML 14Page - EPCOS K164 Datasheet HTML 15Page - EPCOS K164 Datasheet HTML 16Page - EPCOS K164 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
3) Chip thickness depends on the resistance value.
1.3
Reel packing
Packing survey
Case
size
Chip
thick-
ness3)
8-mm tape
Reel dimensions
Packing units
mm
mm
pcs./reel
Blister Card-
board
A
Tol.
W1
Tol.
W2
180-mm
reel
330-mm
reel
0402
0.5
x
180
3/+0
8.4
+1.5/ 0
14.4 max.
10000
0603
0.8
x
180
3/+0
8.4
+1.5/ 0
14.4 max.
4000
330
±2.0
12.4
+1.5/ 0
18.4 max.
16000
0805
0.8
x
180
3/+0
8.4
+1.5/ 0
14.4 max.
4000
16000
1.2
x
330
±2.0
12.4
+1.5/ 0
18.4 max.
3000
12000
1206
0.8
x
180
2/+0
8.4
+1.5/ 0
14.4 max.
4000
1.2
x
180
2/+0
8.4
+1.5/ 0
14.4 max.
2000
2
Packing codes
The last two digits of the complete ordering code state the packing mode:
Last two digits
60
SMD
Cardboard tape
180-mm reel packing
62
SMD
Blister tape
180-mm reel packing
70
SMD
Cardboard tape
330-mm reel packing
72
SMD
Blister tape
330-mm reel packing
Temperature measurement and compensation
B57164K
Leaded NTC thermistors, lead spacing 5 mm
K164
Page 13 of 30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com