Electronic Components Datasheet Search
  English  ▼

X  

S885 Datasheet(PDF) 4 Page - EPCOS

Part # S885
Description  NTC thermistors for temperature measurement
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S885 Datasheet(HTML) 4 Page - EPCOS

  S885 Datasheet HTML 1Page - EPCOS S885 Datasheet HTML 2Page - EPCOS S885 Datasheet HTML 3Page - EPCOS S885 Datasheet HTML 4Page - EPCOS S885 Datasheet HTML 5Page - EPCOS S885 Datasheet HTML 6Page - EPCOS S885 Datasheet HTML 7Page - EPCOS S885 Datasheet HTML 8Page - EPCOS S885 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Reliability data according to AEC Q200, Rev. D
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
High temperature
exposure (storage)
MIL-STD-202,
method 108
Storage at T = 125
°C
t = 1000 h
< 2%
No visible
damage
Biased humidity
MIL-STD-202,
method 103
T = 85
°C
Relative humidity of air 85%
t = 1000 h
Test voltage max. 0.3 V DC on
NTC1)
< 2 %
No visible
damage
Operational life
MIL-STD-202,
method 108
T = 125
°C
t = 1000 h
Test voltage max. 0.3 V DC on
NTC1)
< 2%
No visible
damage
Temperature
cycling
JESD 22,
method JA-104
Lower test temperature:
55
°C
Upper test temperature: 125
°C
1000 cycles
Dwell time: max. 30 min at each
temperature
Transition time in air: max. 1 min
< 2%
No visible
damage
Terminal strength
(leaded)
MIL-STD-202,
method 211
Test leaded device integrity
Condition A: 2.27 N2)
< 1%
No visible
damage
Mechanical shock
MIL-STD-202,
method 213,
condition C
Acceleration: 40 g 2)
Pulse duration: 6 ms
Number of bumps: 3, each
direction
< 1%
No visible
damage
Vibration
MIL-STD-202,
method 204
Acceleration: 5 g
t = 20 min
12 cycles in each of 3 directions
Frequency range: 10 to 2000 Hz
< 1%
No visible
damage
1) Self heating of the NTC thermistor must not exceed 0.2 K, steady state. Test conditions deviating from AEC Q200, Rev. D.
2) Deviating from AEC Q200, Rev. D.
Note
Contact of NTC thermistors with any liquids and solvents shall be prevented. It must be
ensured that no water enters the NTC thermistors (e.g. through plug terminals).
Avoid dewing and condensation unless thermistor is specified for these conditions.
Temperature measurement and compensation
B57885S
Leaded NTC thermistors, lead spacing 5 mm
S885
Page 4 of 27
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com