Electronic Components Datasheet Search
  English  ▼

X  

ADS7891IPFBT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7891IPFBT
Description  14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7891IPFBT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS7891IPFBT Datasheet HTML 4Page - Texas Instruments ADS7891IPFBT Datasheet HTML 5Page - Texas Instruments ADS7891IPFBT Datasheet HTML 6Page - Texas Instruments ADS7891IPFBT Datasheet HTML 7Page - Texas Instruments ADS7891IPFBT Datasheet HTML 8Page - Texas Instruments ADS7891IPFBT Datasheet HTML 9Page - Texas Instruments ADS7891IPFBT Datasheet HTML 10Page - Texas Instruments ADS7891IPFBT Datasheet HTML 11Page - Texas Instruments ADS7891IPFBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ADS7891
SLAS410 − DECEMBER 2003
www.ti.com
8
DESCRIPTION AND TIMING DIAGRAMS
SAMPLING AND CONVERSION START
There are three ways to start sampling. The rising edge of CONVST starts sampling with CS and BUSY being low
(see Figure 1) or it can be started with the falling edge of CS when CONVST is high and BUSY is low (see
Figure 2). Sampling can also be started with an internal conversion end (before BUSY falling edge) with CS
being low and CONVST high before an internal conversion end (see Figure 3). Also refer to the section DEVICE
OPERATION AND DATA READ IN BACK-TO-BACK CONVERSION for more details.
A conversion can be started two ways (a conversion start is the end of sampling). Either with the falling edge
of CONVST when CS is low (see Figure 1) or the falling edge of CS when CONVST is low (see Figure 2). A
clean and low jitter falling edge of these respective signals triggers a conversion start and is important to the
performance of the converter. The BUSY pin is brought high immediately following the CONVST falling edge.
BUSY stays high throughout the conversion process and returns low when the conversion has ended.
th2
th3
td1
td2
t(acq)
CS
CONVST
BUSY
Figure 1. Sampling and Conversion Start Control With CONVST Pin
td3
t(acq)
tw3
tw3
td4
tw1
CS
CONVST
BUSY
Figure 2. Sampling and Conversion Start Control With CS Pin
t(acq)
tw4
td2
CS
CONVST
BUSY
th1
tw5
Figure 3. Sampling Start With CS Low and CONVST High (Back-to-Back)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com