Electronic Components Datasheet Search
  English  ▼

X  

ADS7891IPFBT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7891IPFBT
Description  14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7891IPFBT Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7891IPFBT Datasheet HTML 7Page - Texas Instruments ADS7891IPFBT Datasheet HTML 8Page - Texas Instruments ADS7891IPFBT Datasheet HTML 9Page - Texas Instruments ADS7891IPFBT Datasheet HTML 10Page - Texas Instruments ADS7891IPFBT Datasheet HTML 11Page - Texas Instruments ADS7891IPFBT Datasheet HTML 12Page - Texas Instruments ADS7891IPFBT Datasheet HTML 13Page - Texas Instruments ADS7891IPFBT Datasheet HTML 14Page - Texas Instruments ADS7891IPFBT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
ADS7891
SLAS410 − DECEMBER 2003
www.ti.com
11
Sample N
Conversion N
Data For Conversion N−1
(Data read Without Latency)
CONVST
BUSY
D13−D0
t(conv) + td11
tw4
tw3
t(acq)
t0 = 333 ns for 3 MSPS Operation
th1
CS
td12
Figure 8. Back-To-Back operation With CS Toggling and RD Low
NAP MODE
The device can be put in nap mode following the sequences shown in Figure 9. This provides substantial power
saving while operating at lower sampling rates.
While operating the device at throughput rates lower than 2.54 MSPS, A_PWD can be held low (see Figure 9).
In this condition, the device goes into the nap state immediately after BUSY goes low and remains in that state
until the next sampling starts. The minimum acquisition time is 60 nsec more than t(acq) as defined in the timing
requirements section.
Alternately, A_PWD can be toggled any time during operation (see Figure 10). This is useful when the system
acquires data at the maximum conversion speed for some period of time (back-to-back conversion) and it does
not acquire data for some time while the acquired data is being processed. During this period, the device can
be put in the nap state to save power. The device remains in the nap state as long as A_PWD is low with BUSY
being low and sampling has not started. The minimum acquisition time for the first sampling after the nap state
is 60 nsec more than t(acq) as defined in the timing requirements section.
A_PWD
(Held Low)
BUSY
SAMPLE
(Internal)
NAP
(Internal Active High)
t(acq) + 60 ns
NOTE: The SAMPLE (Internal) signal is generated as described in the Sampling and Conversion
Start section.
Figure 9. Device Operation While A_PWD is Held Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com