Electronic Components Datasheet Search
  English  ▼

X  

LM4871MM Datasheet(PDF) 9 Page - Texas Instruments

Part # LM4871MM
Description  3W Audio Power Amplifier with Shutdown Mode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4871MM Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4871MM Datasheet HTML 5Page - Texas Instruments LM4871MM Datasheet HTML 6Page - Texas Instruments LM4871MM Datasheet HTML 7Page - Texas Instruments LM4871MM Datasheet HTML 8Page - Texas Instruments LM4871MM Datasheet HTML 9Page - Texas Instruments LM4871MM Datasheet HTML 10Page - Texas Instruments LM4871MM Datasheet HTML 11Page - Texas Instruments LM4871MM Datasheet HTML 12Page - Texas Instruments LM4871MM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LM4871
www.ti.com
SNAS002F – FEBRUARY 2000 – REVISED MAY 2013
APPLICATION INFORMATION
EXPOSED-DAP PACKAGE PCB MOUNTING CONSIDERATION
The LM4871's exposed-DAP (die attach paddle) package (NGN) provides a low thermal resistance between the
die and the PCB to which the part is mounted and soldered. This allows rapid heat transfer from the die to the
surrounding PCB copper traces, ground plane, and surrounding air. The result is a low voltage audio power
amplifier that produces 2W at
≤ 1% THD with a 4Ω load. This high power is achieved through careful
consideration of necessary thermal design. Failing to optimize thermal design may compromise the LM4871's
high power performance and activate unwanted, though necessary, thermal shutdown protection.
The NGN package must have its DAP soldered to a copper pad on the PCB. The DAP's PCB copper pad is
connected to a large plane of continuous unbroken copper. This plane forms a thermal mass, heat sink, and
radiation area. Place the heat sink area on either outside plane in the case of a two-sided PCB, or on an inner
layer of a board with more than two layers. Connect the DAP copper pad to the inner layer or backside copper
heat sink area with 4(2x2) vias. The via diameter should be 0.012in-0.013in with a 1.27mm pitch. Ensure efficient
thermal conductivity by plating through the vias.
Best thermal performance is achieved with the largest practical heat sink area. If the heatsink and amplifier share
the same PCB layer, a nominal 2.5in2 area is necessary for 5V operation with a 4
Ω load. Heatsink areas not
placed on the same PCB layer as the LM4871 should be 5in2 (min) for the same supply voltage and load
resistance. The last two area recommendations apply for 25°C ambient temperature. Increase the area to
compensate for ambient temperatures above 25°C. The LM4871's power de-rating curve in the Typical
Performance Characteristics shows the maximum power dissipation versus temperature. An example PCB layout
for the NGN package is shown in the Demonstration Board Layout section. Further detailed and specific
information concerning PCB layout, fabrication, and mounting an NGN (WSON) package is available from TI's
Package Engineering Group under application note AN-1187 (Literature Number SNOA401).
PCB LAYOUT AND SUPPLY REGULATION CONSIDERATIONS FOR DRIVING 3
Ω AND 4Ω
LOADS
Power dissipated by a load is a function of the voltage swing across the load and the load's impedance. As load
impedance decreases, load dissipation becomes increasingly dependant on the interconnect (PCB trace and
wire) resistance between the amplifier output pins and the load's connections. Residual trace resistance causes
a voltage drop, which results in power dissipated in the trace and not in the load as desired. For example, 0.1
Ω
trace resistance reduces the output power dissipated by a 4
Ω load from 2.0W to 1.95W. This problem of
decreased load dissipation is exacerbated as load impedance decreases. Therefore, to maintain the highest load
dissipation and widest output voltage swing, PCB traces that connect the output pins to a load must be as wide
as possible.
Poor power supply regulation adversely affects maximum output power. A poorly regulated supply's output
voltage decreases with increasing load current. Reduced supply voltage causes decreased headroom, output
signal clipping, and reduced output power. Even with tightly regulated supplies, trace resistance creates the
same effects as poor supply regulation. Therefore, making the power supply traces as wide as possible helps
maintain full output voltage swing.
BRIDGE CONFIGURATION EXPLANATION
As shown in Figure 3, the LM4871 has two operational amplifiers internally, allowing for a few different amplifier
configurations. The first amplifier's gain is externally configurable; the second amplifier is internally fixed in a
unity-gain, inverting configuration. The closed-loop gain of the first amplifier is set by selecting the ratio of Rf to Ri
while the second amplifier's gain is fixed by the two internal 40k
Ω resistors. Figure 3 shows that the output of
amplifier one serves as the input to amplifier two, which results in both amplifiers producing signals identical in
magnitude, but 180° out of phase. Consequently, the differential gain for the IC is
AVD= 2 *(Rf/Ri)
(1)
By driving the load differentially through outputs Vo1 and Vo2, an amplifier configuration commonly referred to as
“bridged mode” is established. Bridged mode operation is different from the classical single-ended amplifier
configuration where one side of its load is connected to ground.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com