Electronic Components Datasheet Search
  English  ▼

X  

LM4871MM Datasheet(PDF) 10 Page - Texas Instruments

Part # LM4871MM
Description  3W Audio Power Amplifier with Shutdown Mode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4871MM Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4871MM Datasheet HTML 6Page - Texas Instruments LM4871MM Datasheet HTML 7Page - Texas Instruments LM4871MM Datasheet HTML 8Page - Texas Instruments LM4871MM Datasheet HTML 9Page - Texas Instruments LM4871MM Datasheet HTML 10Page - Texas Instruments LM4871MM Datasheet HTML 11Page - Texas Instruments LM4871MM Datasheet HTML 12Page - Texas Instruments LM4871MM Datasheet HTML 13Page - Texas Instruments LM4871MM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LM4871
SNAS002F – FEBRUARY 2000 – REVISED MAY 2013
www.ti.com
A bridge amplifier design has a few distinct advantages over the single-ended configuration, as it provides
differential drive to the load, thus doubling output swing for a specified supply voltage. Four times the output
power is possible as compared to a single-ended amplifier under the same conditions. This increase in attainable
output power assumes that the amplifier is not current limited or clipped. In order to choose an amplifier's closed-
loop gain without causing excessive clipping, please refer to the Audio Power Amplifier Design section.
Another advantage of the differential bridge output is no net DC voltage across load. This results from biasing
VO1 and VO2 at the same DC voltage, in this case VDD/2 . This eliminates the coupling capacitor that single
supply, single-ended amplifiers require. Eliminating an output coupling capacitor in a single-ended configuration
forces a single supply amplifier's half-supply bias voltage across the load. The current flow created by the half-
supply bias voltage increases internal IC power dissipation and my permanently damage loads such as
speakers.
POWER DISSIPATION
Power dissipation is a major concern when designing a successful amplifier, whether the amplifier is bridged or
single-ended. A direct consequence of the increased power delivered to the load by a bridge amplifier is an
increase in internal power dissipation. Equation 2 states the maximum power dissipation point for a bridge
amplifier operating at a given supply voltage and driving a specified output load.
PDMAX = 4*(VDD)
2/(2π2R
L)
(2)
Since the LM4871 has two operational amplifiers in one package, the maximum internal power dissipation is 4
times that of a single-ended ampifier. Even with this substantial increase in power dissipation, the LM4871 does
not require heatsinking under most operating conditions and output loading. From Equation 2, assuming a 5V
power supply and an 8
Ω load, the maximum power dissipation point is 625 mW. The maximum power dissipation
point obtained from Equation 2 must not be greater than the power dissipation that results from Equation 3:
PDMAX = (TJMAX–TA)/θJA
(3)
For the SOIC package,
θJA = 140°C/W, for the PDIP package, θJA = 107°C/W, and for the VSSOP package, θJA
= 210°C/W assuming free air operation. For the NGN package soldered to a DAP pad that expands to a copper
area of 1.0in2 on a PCB, the LM4871's
θJA is 56°C/W. TJMAX = 150°C for the LM4871. The θJA can be decreased
by using some form of heat sinking. The resultant
θJA will be the summation of the θJC, θCS, and θSA. θJC is the
junction to case of the package (or to the exposed DAP, as is the case with the NGN package),
θCS is the case
to heat sink thermal resistance and
θSA is the heat sink to ambient thermal resistance. By adding additional
copper area around the LM4871, the
θJA can be reduced from its free air value for the SOIC and VSSOP
packages. Increasing the copper area around the NGN package from 1.0in2 to 2.0in2 area results in a
θJA
decrease to 46°C/W. Depending on the ambient temperature, TA, and the θJA, Equation 3 can be used to find the
maximum internal power dissipation supported by the IC packaging. If the result of Equation 2 is greater than
that of Equation 3, then either the supply voltage must be decreased, the load impedance increased, the
θJA
decreased, or the ambient temperature reduced. For the typical application of a 5V power supply, with an 8
Ω
load, and no additional heatsinking, the maximum ambient temperature possible without violating the maximum
junction temperature is approximately 61°C provided that device operation is around the maximum power
dissipation point and assuming surface mount packaging. For the NGN package in a typical application of a 5V
power supply, with a 4
Ω load, and 1.0in2 copper area soldered to the exposed DAP pad, the maximum ambient
temperature is approximately 77°C providing device operation is around the maximum power dissipation point.
Internal power dissipation is a function of output power. If typical operation is not around the maximum power
dissipation point, the ambient temperature can be increased. Refer to the Typical Performance Characteristics
curves for power dissipation information for different output powers and output loading.
POWER SUPPLY BYPASSING
As with any amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection. The capacitor location on both the bypass and power supply pins should be as close to the LM4871 as
possible. The capacitor connected between the bypass pin and ground improves the internal bias voltage's
stability, producing improved PSRR. The improvements to PSRR increase as the bypass pin capacitor increases.
Typical applications employ a 5V regulator with 10µF and a 0.1µF bypass capacitors which aid in supply stability.
This does not eliminate the need for bypassing the supply nodes of the LM4871 with a 1µF tantalum capacitor.
The selection of bypass capacitors, especially CB, is dependent upon PSRR requirements, click and pop
performance as explained in the section, Proper Selection of External Components, system cost, and size
constraints.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM4871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com