Electronic Components Datasheet Search
  English  ▼

X  

B5133 Datasheet(PDF) 3 Page - EPCOS

Part # B5133
Description  SAW RF filter for base stations TD-LTE, Band 40
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5133 Datasheet(HTML) 3 Page - EPCOS

  B5133 Datasheet HTML 1Page - EPCOS B5133 Datasheet HTML 2Page - EPCOS B5133 Datasheet HTML 3Page - EPCOS B5133 Datasheet HTML 4Page - EPCOS B5133 Datasheet HTML 5Page - EPCOS B5133 Datasheet HTML 6Page - EPCOS B5133 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
February 28, 2013
B5133
2350.0 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
2350
—
MHz
Minimum insertion attenuation
α
min
—
1.5
2.0
dB
Maximum insertion attenuation
α
max
2300. ....
2400 MHz
—
2.0
3.0
dB
Amplitude ripple (p-p)
∆α
2300 ....
2400 MHz
—
0.5
1.3
dB
V.S.W.R. (input / output)
2300 ....
2400 MHz
—
1.6:1
2.0:1
Absolute attenuation
α
1.00 ... 2050.00 MHz
30
40
—
dB
2050.00 ... 2170.00 MHz
30
35
—
dB
2170.00 ... 2250.00 MHz
15
22
—
dB
2450.00 ... 2550.00 MHz
15
25
—
dB
2550.00 ... 4000.00 MHz
25
28
—
dB
Relative attenuation (relative to
α
min)
α
rel
0.30 ... 2170.00 MHz
30
35
—
dB
2470.00 ... 2564.32 MHz
21
23
—
dB
2564.32 ... 3000.00 MHz
24
26
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com