Electronic Components Datasheet Search
  English  ▼

X  

B5133 Datasheet(PDF) 4 Page - EPCOS

Part # B5133
Description  SAW RF filter for base stations TD-LTE, Band 40
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5133 Datasheet(HTML) 4 Page - EPCOS

  B5133 Datasheet HTML 1Page - EPCOS B5133 Datasheet HTML 2Page - EPCOS B5133 Datasheet HTML 3Page - EPCOS B5133 Datasheet HTML 4Page - EPCOS B5133 Datasheet HTML 5Page - EPCOS B5133 Datasheet HTML 6Page - EPCOS B5133 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
February 28, 2013
B5133
2350.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Matching network to 50
Ω
(Element values depend upon board layout and properties)
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulses.
V
machine model, 1 pulse
Input power at
2300.0... 2400.0 MHz
PIN
17
dBm
cw,
2 h lifetime, at 85 ˚C
2300.0... 2400.0 MHz
PIN
12
dBm
cw,
100 h lifetime, at 85 ˚C
2300.0... 2400.0 MHz
PIN
5
dBm
cw, 100000 h lifetime, at 85 ˚C
Ls3
C
Cp4
s2
p1
L
Lp1 = 1.8 nH
Cs2 = 1.8 pF
Ls3 = 1.8 nH
Cp4 = 0.5 pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com