Electronic Components Datasheet Search
  English  ▼

X  

B5216 Datasheet(PDF) 3 Page - EPCOS

Part # B5216
Description  SAW IF filter GSM/EDGE, high symbol rate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5216 Datasheet(HTML) 3 Page - EPCOS

  B5216 Datasheet HTML 1Page - EPCOS B5216 Datasheet HTML 2Page - EPCOS B5216 Datasheet HTML 3Page - EPCOS B5216 Datasheet HTML 4Page - EPCOS B5216 Datasheet HTML 5Page - EPCOS B5216 Datasheet HTML 6Page - EPCOS B5216 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Sep 07, 2012
B5216
170.6 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–40 to 85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network tbd
Terminating load impedance:
ZL =50 Ω and matching network tbd
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
170.6
—
MHz
Minimum insertion attenuation
α
min
—
5.6
7.4
dB
(including matching network)1)
1) 0603CS coils used
Amplitude ripple (p-p)
∆α
fN ± 100 kHz
—
0.4
1.0
dB
Group delay ripple (p-p)
∆τ
fN ± 90 kHz
—
250
500
ns
Relative attenuation (relative to
α
min)
α
rel
fN ± 0.09 ...
fN ± 0.2 MHz
-1
0.2
—
dB
fN ± 0.2 ...
fN ± 0.4 MHz
1
2
—
dB
fN ± 0.4 ...
fN ± 0.6 MHz
20
23
—
dB
fN ± 0.6 ...
fN ± 0.8 MHz
30
38
—
dB
fN ± 0.8 ...
fN ± 1.6 MHz
40
43
—
dB
fN ± 1.6 ...
fN ± 3.0 MHz
43
47
—
dB
fN ± 3.0 ...
fN ± 35.0 MHz
47
55
—
dB
10.00 MHz...
fN − 35.00 MHz
45
65
—
dB
fN + 35.00 MHz ...
2.00 GHz
45
55
—
dB
VSWR(input and output) fN ± 90 kHz
—
1.4
2.0
Input IP3
30
—
—
dBm
Temperature coefficient of frequency2)
2)
Temperature dependance of fc:fc(TA) = fc(T0) (1 + TCf(TA – T0)2)
TCf
—
–0.036
—
ppm/K2
Turnover temperature
T0
—20
—
˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com