Electronic Components Datasheet Search
  English  ▼

X  

B5216 Datasheet(PDF) 4 Page - EPCOS

Part # B5216
Description  SAW IF filter GSM/EDGE, high symbol rate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5216 Datasheet(HTML) 4 Page - EPCOS

  B5216 Datasheet HTML 1Page - EPCOS B5216 Datasheet HTML 2Page - EPCOS B5216 Datasheet HTML 3Page - EPCOS B5216 Datasheet HTML 4Page - EPCOS B5216 Datasheet HTML 5Page - EPCOS B5216 Datasheet HTML 6Page - EPCOS B5216 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Sep 07, 2012
B5216
170.6 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
2001)
V
machine model, 1 pulse
ESD voltage
VESD
10002)
V
charged device model, 3 pulses
Input power
PIN
20
dBm
1) acc. to J-STD22A-0115A (machine model, 1 pulse +/-).
2) acc. to JESD22-C101E (charged device model, 3 pulses +/-).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com