Electronic Components Datasheet Search
  English  ▼

X  

B5258 Datasheet(PDF) 3 Page - EPCOS

Part # B5258
Description  SAW IF filter for base stations
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5258 Datasheet(HTML) 3 Page - EPCOS

  B5258 Datasheet HTML 1Page - EPCOS B5258 Datasheet HTML 2Page - EPCOS B5258 Datasheet HTML 3Page - EPCOS B5258 Datasheet HTML 4Page - EPCOS B5258 Datasheet HTML 5Page - EPCOS B5258 Datasheet HTML 6Page - EPCOS B5258 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
January 22, 2013
B5258
184.3 MHz
SAW Components
SAW IF filter
Data sheet
Please read cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +80 ˚C
Terminating source impedance:
ZS =
50
Ω unbalanced and matching network
Terminating load impedance:
ZL =
50
Ω unbalanced and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
184.3
—
MHz
Minimum insertion attenuation
α
min
—
9.0
10.3
dB
(including matching network)
Passband width
α
rel ≤ 1.0 dB
B1.0dB
47
49
50
MHz
Amplitude ripple (p-p)
∆α
fN ± 23.5 MHz
—
0.5
1.0
dB
Phase ripple (p-p)
∆ϕ
fN ± 23.5 MHz
—
5
10
°
Group delay ripple (p-p)
∆τ
fN ± 23.5 MHz
—
25
60
ns
Absolute group delay (mean)
τ
fN ± 23.5 MHz
—
0.42
—
µs
Relative attenuation (relative to
α
min)
α
rel
10.0 MHz
... 100.0 MHz
55
60
—
dB
100.0 MHz
... 127.0 MHz
45
49
—
dB
127.0 MHz
... 130.0 MHz
42
44
—
dB
130.0 MHz
... 150.0 MHz
31
32
—
dB
150.0 MHz
... 155.0 MHz
17
24
—
dB
213.0 MHz
... 218.0 MHz
5
8
—
dB
218.0 MHz
... 223.0 MHz
20
34
—
dB
223.0 MHz
... 268.0 MHz
331)
1) some spikes may reach up to 30 dB
39
—
dB
268.0 MHz
... 450.0 MHz
40
51
—
dB
450.0 MHz
... 565.0 MHz
30
35
—
dB
565.0 MHz
... 1000.0 MHz
40
45
—
dB
VSWR
input fN ± 23.5 MHz
—
1.7:1
2.1:1
output fN ± 23.5 MHz
—
1.7:1
2.1:1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com