Electronic Components Datasheet Search
  English  ▼

X  

B5258 Datasheet(PDF) 4 Page - EPCOS

Part # B5258
Description  SAW IF filter for base stations
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5258 Datasheet(HTML) 4 Page - EPCOS

  B5258 Datasheet HTML 1Page - EPCOS B5258 Datasheet HTML 2Page - EPCOS B5258 Datasheet HTML 3Page - EPCOS B5258 Datasheet HTML 4Page - EPCOS B5258 Datasheet HTML 5Page - EPCOS B5258 Datasheet HTML 6Page - EPCOS B5258 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
January 22, 2013
B5258
184.3 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Matching network to 50
Ω unbalanced input and output
Element values depend upon board layout and properties.
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
Input power (passband)
PIN
10
dBm
Cp6
Lp5
Cp1
Lp2
Ls3
Ls4
Cp1 =
33 pF
Lp2 =
15 nH
Ls3
= 3.6 nH
Ls4
= 3.6 nH
Lp5 =
15 nH
Cp6 =
33 pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com