Electronic Components Datasheet Search
  English  ▼

X  

B1127 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # B1127
Description  Desoldering Tool
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B1127 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button B1127 Datasheet HTML 16Page - List of Unclassifed Manufacturers B1127 Datasheet HTML 17Page - List of Unclassifed Manufacturers B1127 Datasheet HTML 18Page - List of Unclassifed Manufacturers B1127 Datasheet HTML 19Page - List of Unclassifed Manufacturers B1127 Datasheet HTML 20Page - List of Unclassifed Manufacturers B1127 Datasheet HTML 21Page - List of Unclassifed Manufacturers B1127 Datasheet HTML 22Page - List of Unclassifed Manufacturers B1127 Datasheet HTML 23Page - List of Unclassifed Manufacturers B1127 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
16
32
19
10
31
9
1
2
3
5
4
6
7
8
13
30
15
11
12
24
23
18
17
14
16
20
28
21
19
22
11
12
28
26
27
29
25
20
Tapping Screw
M2.6×6 (2)
Pan Head Screw
M3×55
Pan Head Screw
M5×10(4)
Tapping Screw
M2.6×8 (4)
Specifications
Set of 4
With rating seal
w/o Fuse
w/o Fuse Australian 240V
125V-2A/100,110V
250V-1A/220,230V
250V-1A /Australian 240V
250V-2A(U)/120V
0.63A (CE)
120V
Part Name
Rubber stopper
Rear panel
Fuse holder
Fuse holder(s)
Fuse
Fuse
Fuse
Fuse
Fuse
Female connector
Female connector
Part No.
B1037
B2070
B1041
B1134
B1042
B1138
B1139
B1275
B2318
B1065
B1127
Item No.
24
25
26
27
28
Item No.
29
30
31
32
Part No.
B2068
B2079
B2081
B2082
B2320
B2321
B2490
B3505
B1078
B1084
B1269
Part Name
Power cord, 3 wired cord & American plug
Power cord, 3 wired cord but no plug
Power cord, 3 wired cord & Australian plug
Power cord, 3 wired cord & BS plug
Power cord, 3 wired cord & European plug
Power cord, 3 wired cord & BS plug
Power cord, 3 wired cord & Chinese plug
Power cord, 3 wired cord & American plug
Potentiometer
Switch
Noise filter
Specifications
U.S.A.
CE
CE
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com