Electronic Components Datasheet Search
  English  ▼

X  

B1127 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # B1127
Description  Desoldering Tool
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B1127 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button B1127 Datasheet HTML 3Page - List of Unclassifed Manufacturers B1127 Datasheet HTML 4Page - List of Unclassifed Manufacturers B1127 Datasheet HTML 5Page - List of Unclassifed Manufacturers B1127 Datasheet HTML 6Page - List of Unclassifed Manufacturers B1127 Datasheet HTML 7Page - List of Unclassifed Manufacturers B1127 Datasheet HTML 8Page - List of Unclassifed Manufacturers B1127 Datasheet HTML 9Page - List of Unclassifed Manufacturers B1127 Datasheet HTML 10Page - List of Unclassifed Manufacturers B1127 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
5 Power switch
• Confirm that the power switch is
set in the OFF position, then con-
nect the power plug to the power
source.
CAUTION
The entire unit is constructed of con-
ductive materials. Always ground the
unit.
• Turn the power switch to ON.
The power lamp should light up.
• The nozzle begins to heat up
as soon as the power switch is
turned to ON.
6 After turning the power
switch to ON, wait 3
minutes before beginning
desoldering operations.
6
The power lamp doesnʼt light
up.
1. Is the power cord properly con-
nected?
2. Is the fuse blown?
The nozzle doesnʼt heat up.
1. Is the cord assembly properly
connected?
2. Is the heating element broken?
The power lamp
lights up.
The nozzle heats up.
CAUTION : The desoldering gun must be placed in the
iron holder when not in use.
4 Connect to the compresser.
• Use filtered air without any dust,
oil and moisture.
• With the trigger pulled and air
flowing, adjust the regulator air
pressure to 490kPa(5.0kgf/cm2).
The absorption power of the unit will
be reduced if adjustment is made
while air is not flowing or if the tube is
not measured as specified.
Do not set the regulator to pressure
of 882kPa (9kgf/cm
2) or more while
the trigger is not pulled, as such
pressures can damage various parts
of the HAKKO 475 station.
CAUTION
Connections
Station
Male Connector:
pipe thread 1/8
Compressor
Regulator:
adjust to
490kPa
(5.0kgf/cm
2)
Air Filter:
filter out dust,
oil and moisture.
Tubing:
must have a diameter of more
than ø0.17 in. and a length of
less than 9.5 ft.
CAUTION
Use the air filter. Dust, oil and
moisture can adhere to
the solenoid valve in the pipe
without it. This may result in
damage to the unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com