Electronic Components Datasheet Search
  English  ▼

X  

B84299B003 Datasheet(PDF) 13 Page - EPCOS

Part # B84299B003
Description  Filters for Power Lines 16 to 150 A, 100 dB from 14 kHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84299B003 Datasheet(HTML) 13 Page - EPCOS

Back Button B84299B003 Datasheet HTML 9Page - EPCOS B84299B003 Datasheet HTML 10Page - EPCOS B84299B003 Datasheet HTML 11Page - EPCOS B84299B003 Datasheet HTML 12Page - EPCOS B84299B003 Datasheet HTML 13Page - EPCOS B84299B003 Datasheet HTML 14Page - EPCOS B84299B003 Datasheet HTML 15Page - EPCOS B84299B003 Datasheet HTML 16Page - EPCOS B84299B003 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Dimensional drawing 7 (cable glands at both ends)
2 x 100 A / 4 x 100 A
B84299C1101B003, ...E003
Œ Input end:
Cable gland PG 42/29
(PG 42 mounted, PG 29 and reducer ring in accessory bag)
 Shielded end:
Cable gland PG 42/29
(cable gland PG 42, PG 29 and reducer ring in accessory bag)
Paint color: RAL 7035 (light gray, semigloss)
Fixing dimensions
The cable glands (with cutout sealing ring) are suitable for the following overall cable diameter:
PG 42
29 to 31 mm
32 to 34 mm
35 to 37 mm
38 to 40 mm
PG 29
17 to 19 mm
20 to 22 mm
23 to 25 mm
26 to 28 mm
RF-tight connection to shielding wall with connector fitting, see page 21.
Filters for power lines
B84299*B003
16 to 150 A, 100 dB from 14 kHz
B84299*E003
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com