Electronic Components Datasheet Search
  English  ▼

X  

B84299B003 Datasheet(PDF) 21 Page - EPCOS

Part # B84299B003
Description  Filters for Power Lines 16 to 150 A, 100 dB from 14 kHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84299B003 Datasheet(HTML) 21 Page - EPCOS

Back Button B84299B003 Datasheet HTML 13Page - EPCOS B84299B003 Datasheet HTML 14Page - EPCOS B84299B003 Datasheet HTML 15Page - EPCOS B84299B003 Datasheet HTML 16Page - EPCOS B84299B003 Datasheet HTML 17Page - EPCOS B84299B003 Datasheet HTML 18Page - EPCOS B84299B003 Datasheet HTML 19Page - EPCOS B84299B003 Datasheet HTML 20Page - EPCOS B84299B003 Datasheet HTML 21Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
RF-tight connection to shielding wall with connector fitting (mechanical version C)
Cable
gland
Connector fitting (must
be ordered separately)
Ordering code
Hole in shielding
wall
Bare metal area
on shielding wall
PG 29
Nominal width 25 mm
B84298A0042L***
∅ 37 +0.5 mm
∅ 55 +5 mm
PG 42
Nominal width 40 mm
B84298A0044L***
∅ 54 +0.5 mm
∅ 70 +5 mm
(***: add required length in cm (see also chapter "Installation accessories").
RF-tight connection to shielding wall (mechanical version D)
Cable
gland
Parts for RF-tight mounting (in accessory bag)
Required hole in
shielding wall
Bare metal area
on shielding wall
PG 21
Suitable cable gland with
∅ 37 +0.5 mm
∅ 55 +5 mm
PG 29
long thread, RF gasket
PG 42
and check nut.
∅ 54 +0.5 mm
∅ 70 +5 mm
Filters for power lines
B84299*B003
16 to 150 A, 100 dB from 14 kHz
B84299*E003
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com