Electronic Components Datasheet Search
  English  ▼

X  

VO211AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VO211AT
Description  Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO211AT Datasheet(HTML) 2 Page - Vishay Siliconix

  VO211AT Datasheet HTML 1Page - Vishay Siliconix VO211AT Datasheet HTML 2Page - Vishay Siliconix VO211AT Datasheet HTML 3Page - Vishay Siliconix VO211AT Datasheet HTML 4Page - Vishay Siliconix VO211AT Datasheet HTML 5Page - Vishay Siliconix VO211AT Datasheet HTML 6Page - Vishay Siliconix VO211AT Datasheet HTML 7Page - Vishay Siliconix VO211AT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 81958
2
Rev. 1.0, 02-Dec-08
VO211AT, VO212AT, VO213AT
Vishay Semiconductors Optocoupler, Phototransistor Output, with
Base Connection in SOIC-8 Package
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
ELECTRICAL CHARACTERISTCS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
1.3
1.5
V
Reverse current
VR = 6 V
IR
0.1
100
µA
Capacitance
VR = 0 V
CO
13
pF
OUTPUT
Collector emitter breakdown voltage
IC = 100 µA
BVCEO
30
V
Emitter collector breakdown voltage
IE = 10 µA
BVECO
7V
Collector base breakdown voltage
IC = 100 µA
BVCBO
100
V
Collector base current
ICBO
1nA
Emitter base current
IEBO
1nA
Collector dark current
VCE = 10 V
ICEO
550
nA
Collector emitter capacitance
VCE = 0 V
CCE
10
pF
Saturation voltage, collector emitter
IF = 10 mA
VCEsat
0.4
V
COUPLER
Isolation test voltage
1 s
VISO
4000
VRMS
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
IF = 10 mA, VCE = 5 V
VO211AT
CTR
20
50
%
VO212AT
CTR
50
80
%
VO213AT
CTR
100
130
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com