Electronic Components Datasheet Search
  English  ▼

X  

VO211AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VO211AT
Description  Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO211AT Datasheet(HTML) 3 Page - Vishay Siliconix

  VO211AT Datasheet HTML 1Page - Vishay Siliconix VO211AT Datasheet HTML 2Page - Vishay Siliconix VO211AT Datasheet HTML 3Page - Vishay Siliconix VO211AT Datasheet HTML 4Page - Vishay Siliconix VO211AT Datasheet HTML 5Page - Vishay Siliconix VO211AT Datasheet HTML 6Page - Vishay Siliconix VO211AT Datasheet HTML 7Page - Vishay Siliconix VO211AT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 81958
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.0, 02-Dec-08
3
VO211AT, VO212AT, VO213AT
Optocoupler, Phototransistor Output, with
Base Connection in SOIC-8 Package
Vishay Semiconductors
Fig. 1 - Switching Test Circuit
Fig. 2 - Test Circuit for Common Mode Transient Immunity
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
IC = 2 mA, RL = 100 Ω, VCC = 10 V
ton
3µs
Turn-off time
IC = 2 mA, RL = 100 Ω, VCC = 10 V
toff
3µs
Rise time
IC = 2 mA, RL = 100 Ω, VCC = 10 V
tr
3µs
Fall time
IC = 2 mA, RL = 100 Ω, VCC = 10 V
tf
2µs
COMMON MODE TRANSIENT IMMUNITY
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Common mode transient immunity
at logic high
VCM = 1000 VP-P, RL = 1 kΩ,
IF = 0 mA
|CMH|
5000
V/µs
Common mode transient immunity
at logic low
VCM = 1000 VP-P, RL = 1 kΩ,
IF = 10 mA
|CML|
5000
V/µs
iil215at_17
V
CC = 5 V
Input
V
OUT
R
L
t
fall
10 %
50 %
90 %
t
off
t
on
t
rise
Output
Input
10 %
50 %
90 %
V
0
0
R
F
V
B = 4.5 V
2, 3, 4
1
B
A
7
6
5
R
L
1 K
V
O
5 VDC
0.1 µF
V
CM
Input from HV pulse source
+
-
21627
dt
dt
dV = 63 % of V
CM
dV = 63 % of V
CM
Common mode
voltage V
CM
2.0 V
2.0 V
V
O
V
O
CM
H
CM
L
0.8 V
0.8 V
Time
21626



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com