Electronic Components Datasheet Search
  English  ▼

X  

VO207AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VO207AT
Description  Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO207AT Datasheet(HTML) 2 Page - Vishay Siliconix

  VO207AT Datasheet HTML 1Page - Vishay Siliconix VO207AT Datasheet HTML 2Page - Vishay Siliconix VO207AT Datasheet HTML 3Page - Vishay Siliconix VO207AT Datasheet HTML 4Page - Vishay Siliconix VO207AT Datasheet HTML 5Page - Vishay Siliconix VO207AT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VO205AT, VO206AT, VO207AT, VO208AT
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 22-Nov-12
2
Document Number: 81957
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
Fig. 1 Switching Test Circuit
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
1.3
1.5
V
Reverse current
VR = 6 V
IR
0.1
100
μA
Capacitance
VR = 0 V
CO
13
pF
OUTPUT
Collector emitter breakdown voltage
IC = 100 μA
BVCEO
70
V
Emitter collector breakdown voltage
IE = 10 μA
BVECO
710
V
Collector base breakdown voltage
IC = 100 μA
BVCBO
100
V
Collector base current
ICBO
1nA
Emitter base current
IEBO
1nA
Collector emitter leakage current
VCE = 10 V
ICEO
550
nA
Saturation voltage, collector emitter
IC = 2 mA, IF = 10 mA
VCEsat
0.4
V
COUPLER
Capacitance, input to output
CIO
0.5
pF
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 10 mA, VCE = 5 V
VO205AT
CTR
40
80
%
VO206AT
CTR
63
125
%
VO207AT
CTR
100
200
%
VO208AT
CTR
160
320
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
IC = 2 mA, RL = 100
Ω, VCC = 10 V
ton
3μs
Turn-off time
IC = 2 mA, RL = 100
Ω, VCC = 10 V
toff
3μs
Rise time
IC = 2 mA, RL = 100
Ω, VCC = 10 V
tr
3μs
Fall time
IC = 2 mA, RL = 100
Ω, VCC = 10 V
tf
2μs
iil215at_17
V
CC = 5 V
Input
V
OUT
R
L
t
fall
10 %
50 %
90 %
t
off
t
on
t
rise
Output
Input
10 %
50 %
90 %
V
0
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com