Electronic Components Datasheet Search
  English  ▼

X  

VO207AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VO207AT
Description  Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO207AT Datasheet(HTML) 3 Page - Vishay Siliconix

  VO207AT Datasheet HTML 1Page - Vishay Siliconix VO207AT Datasheet HTML 2Page - Vishay Siliconix VO207AT Datasheet HTML 3Page - Vishay Siliconix VO207AT Datasheet HTML 4Page - Vishay Siliconix VO207AT Datasheet HTML 5Page - Vishay Siliconix VO207AT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VO205AT, VO206AT, VO207AT, VO208AT
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 22-Nov-12
3
Document Number: 81957
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Test Circuit for Common Mode Transient Immunity
Note
• As per IEC 60747-5-2, §7.4.3.8.1, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
COMMON MODE TRANSIENT IMMUNITY
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Common mode transient immunity
at logic high
VCM = 1000 VP-P, RL = 1 k
Ω,
IF = 0 mA
|CMH|
5000
V/μs
Common mode transient immunity
at logic low
VCM = 1000 VP-P, RL = 1 k
Ω,
IF = 10 mA
|CML|
5000
V/μs
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
(according to IEC 68 part 1)
40/100/21
Polution degree
2
Comparative tracking index
CTI
175
399
Isolation test voltage
1 s
VISO
4000
VRMS
Peak transient overvoltage
VIOTM
6000
V
Peak insulation voltage
VIORM
560
V
Resistance (input to output)
RIO
100
G
Ω
Safety rating - power output
PSO
350
mW
Safety rating - input current
ISI
150
mA
Safety rating - temperature
TSI
165
°C
External creepage distance
4
mm
External clearance distance
4
mm
Internal creepage distance
3.3
mm
Insulation thickness
0.2
mm
R
F
V
B = 4.5 V
2, 3, 4
1
B
A
7
6
5
R
L
1 K
V
O
5 VDC
0.1 µF
V
CM
Input from HV pulse source
+
-
21627
dt
dt
dV = 63 % of V
CM
dV = 63 % of V
CM
Common mode
voltage V
CM
2.0 V
2.0 V
V
O
V
O
CM
H
CM
L
0.8 V
0.8 V
Time
21626



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com