Electronic Components Datasheet Search
  English  ▼

X  

AP4306 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP4306
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4306 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP4306 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
5
Sep. 2011 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4306
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
TOTAL CURRENT CONSUMPTION
Total Supply Current
Not Including the Output Sinking
ICC
TA=25oC
0.5
1
mA
-40oC<TA <105oC
0.6
VOLTAGE CONTROL LOOP
Transconduction Gain (VCTRL).
Sink Current Only
Gmv
TA=25oC
13.5
mA/mV
-40oC<TA <105oC
2.5
Voltage Control Loop Reference
VREF
A Version
TA=25oC
1.186
1.21
1.234
V
-40oC<TA <105oC
1.162
1.258
B, C
Versions
TA=25oC
1.204
1.21
1.216
-40oC<TA <105oC
1.186
1.234
Input Bias Current (VCTRL)IIBV
TA=25oC
50
nA
-40oC<TA< 105oC
100
CURRENT CONTROL LOOP
Transconduction Gain (ICTRL).
Sink Current Only
Gmi
TA=25oC
1.5
7
mA/mV
-40oC<TA< 105oC
1.5
7
Current Control Loop Reference
VSENSE
A Version
TA=25oC
66.5
70
73.5
mV
-40oC<TA<105oC
63
77
B Version
TA=25oC
97
100
103
-40oC<TA<105oC
94
106
C Version
TA=25oC
147
150
153
-40oC<TA<105oC
143
157
Current Out of Pin ICTRL at
VSENSE
IIBI
A Version
TA=25oC
18
µA
-40oC<TA<105oC
35
B Version
TA=25oC
25
-40oC<TA<105oC
50
C Version
TA=25oC
37.5
-40oC<TA<105oC
75
OUTPUT STAGE
Low Output Voltage at 10mA
Sinking Current
VOL
TA=25oC
100
mV
-40oC<TA< 105oC
100
Output Short Circuit Current.
Output to VCC. Sink Current Only
IOS
TA=25oC
27
50
mA
-40oC<TA<105oC
35
(VCC=5V, TA=25oC, unless otherwise specified.)
Electrical Characteristics
Thermal Impedance
Parameter
Symbol
Value
Unit
Thermal Resistance (Junction to Case)
θJC
84
oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com