Electronic Components Datasheet Search
  English  ▼

X  

AP4306 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP4306
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4306 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP4306 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4306 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4306
Data Sheet
6
Sep. 2011 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 4. AP4306 VREF vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
120
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
1.230
1.235
Ambient Temperature (
oC)
2.5V<V
CC<18V
-40
-20
0
20
406080
100
120
145
146
147
148
149
150
151
152
153
154
155
Ambient Temperature (
oC)
V
CC=2.5V
V
CC=5V
V
CC=18V
Figure 7. AP4306C VSENSE vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
120
95
96
97
98
99
100
101
102
103
104
105
Ambient Temperature (
oC)
V
CC=2.5V
V
CC=5V
V
CC=18V
Figure 6. AP4306B VSENSE vs. Ambient Temperature
Figure 5. AP4306A VSENSE vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
120
64
66
68
70
72
74
76
Ambient Temperature (
oC)
V
CC=2.5V
V
CC=5V
V
CC=18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com