Electronic Components Datasheet Search
  English  ▼

X  

AT1240 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AT1240
Description  General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AT1240 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AT1240 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AT1240 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AT1240 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AT1240 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AT1240 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AT1240 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AT1240 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary Datasheet
General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT1240
Sept. 2011
Rev. 1.0
BCD Semiconductor Manufacturing Limited
1
General Description
BCD ITVS (Integrated Transient Voltage Suppression)
devices are designed and built using BCD proprietary
process technology. These devices integrate the
various diodes, transistors and resistors into the BCD
ITVS products. These diodes and transistors feature
low parasitic resistance and the diodes also exhibit
low capacitance. Using these devices, BCD is able to
design
voltage
clamping
products
where
low
capacitance associated with low dynamic resistance is
required.
The BCD AT1240 is designed to compensate for the
capacitance
variance
introduced
by
the
DFN-2.5×1.0-10 package allowing for capacitance
matching between the 4 I/Os when, as in normal
operation, pins, 1 and 10, 2 and 9, 4 and 7, 5 and 6 are
shorted.
The AT1240 is available in the DFN-2.5×1.0-10
package. This package allows simple and optimal
placement in existing high-speed PCB layouts.
Features
•
Clamping Voltage: 9V at 10A 100ns, TLP
10.5V at 6A 8
µs/20µs
•
IEC 61000-4-2: ±16kV (Air)
±14kV (Contact)
•
IEC 61000-4-4: TBD
•
IEC 61000-4-5: ±6A
•
Input Capacitance from I/O to VSS: 0.5pF
•
TLP Dynamic Resistance: 0.25
Ω
•
Monolithic Silicon Technology
Applications
•
USB 3.0
•
USB 2.0
•
DVI
•
Ethernet Port: 10/100/1000 Mb/s
•
HDMI 1.3, High Definition Multi Media
•
IEEE 1394 to 3.2Gb/s
•
MDDI
•
PCI Express
•
SATA /eSATA
Pin Configuration
DN Package
(DFN-2.5×1.0-10)
I/O 1
I/O 2
I/O 3
I/O 4
VSS
NC
1
2
3
4
56
7
8
9
10
Pin 1 Mark
NC
VSS
NC
NC
Figure 1. Pin Configuration of AT1240 (Top View)


Similar Part No. - AT1240

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AT120046AVBF3N SCHNEIDER-AT120046AVBF3N Datasheet
121Kb / 2P
VarSet Automatic Transient Free - Lugs (6000s) 1200 kVar, 480 V - Top - NEMA 1
logo
Aimtron Technology
AT1201 AIMTRON-AT1201 Datasheet
309Kb / 7P
2.5/2.7/2.8/3.0/3.3/4.5/5.0V 150mA LDO
AT1201-25X AIMTRON-AT1201-25X Datasheet
309Kb / 7P
2.5/2.7/2.8/3.0/3.3/4.5/5.0V 150mA LDO
AT1201-25XR AIMTRON-AT1201-25XR Datasheet
309Kb / 7P
2.5/2.7/2.8/3.0/3.3/4.5/5.0V 150mA LDO
AT1201-27X AIMTRON-AT1201-27X Datasheet
309Kb / 7P
2.5/2.7/2.8/3.0/3.3/4.5/5.0V 150mA LDO
More results

Similar Description - AT1240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IT8706R ETC1-IT8706R Datasheet
294Kb / 27P
Special General Purpose I/O
logo
Intel Corporation
4265 INTEL-4265 Datasheet
47Kb / 1P
PROGRAMMABLE GENERAL PURPOSE I/O DEVICE
logo
BCD Semiconductor Manuf...
AT1020 BCDSEMI-AT1020 Datasheet
283Kb / 7P
General Purpose ITVS, 2 I/Os, CI/O-VSS<1.1pF, with VCC
AT1040 BCDSEMI-AT1040 Datasheet
304Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1041 BCDSEMI-AT1041 Datasheet
511Kb / 7P
Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT1042 BCDSEMI-AT1042 Datasheet
305Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1140 BCDSEMI-AT1140 Datasheet
382Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT2041 BCDSEMI-AT2041 Datasheet
291Kb / 7P
Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT2042 BCDSEMI-AT2042 Datasheet
298Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<1.5pF
AT2140 BCDSEMI-AT2140 Datasheet
332Kb / 7P
High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com