Electronic Components Datasheet Search
  English  ▼

X  

AT1240 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AT1240
Description  General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AT1240 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AT1240 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AT1240 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AT1240 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AT1240 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AT1240 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AT1240 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AT1240 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary Datasheet
General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT1240
Sept. 2011
Rev. 1.0
BCD Semiconductor Manufacturing Limited
2
Circuit Diagram
Figure 2. Circuit Diagram of AT1240
Ordering Information
AT1240
-
Circuit Type
Package
DN: DFN-2.5×1.0-10
Package
Temperature
Range
Part Number
Marking ID
Packing Type
DFN-2.5×1.0-10
-55 to 85°C
AT1240DN-5.0TRG1
BGC
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and green.
G1: Green
TR: Tape & Reel
5.0: Fixed Output 5.0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com