Electronic Components Datasheet Search
  English  ▼

X  

CC2538 Datasheet(PDF) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2538
Description  A Powerful System-On-Chip for 2.4-GHz IEEE 802.15.4, 6LoWPAN and ZigBee Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2538 Datasheet(HTML) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2538 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2538 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2538 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2538 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2538 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2538 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2538 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2538 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2538 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1
3
4
5
6
7
8
9
10
11
12
13
14
2
42
40
39
38
37
36
35
34
33
32
31
30
29
41
DGND_USB
XOSC32M_Q2
USB_P
USB_N
DVDD_USB
PB0
PC7
PC6
PC5
PC4
DVDD
PC3
PC2
PC1
PC0
R_BIAS
AVDD
AVDD
AVDD
RF_N
RF_P
AVDD
XOSC32M_Q1
AVDD
DCOUPL2
PD5
PD4
PD3
P0142-01
CC2538
www.ti.com
SWRS096A – DECEMBER 2012 – REVISED APRIL 2013
DEVICE INFORMATION
RTQ
(Top View)
NOTE: Connect the exposed ground pad to a solid ground plane, as this is the ground connection for the chip.
Pin Descriptions
PIN NAME
PIN
PIN TYPE
DESCRIPTION
AVDD
33, 36, 39, Power (analog)
2-V–3.6-V analog power-supply connection
40, 41
AVDD_GUARD
43
Power (analog)
2-V–3.6-V analog power-supply connection
DCOUPL1
56
Power (digital)
1.8-V regulated digital-supply decoupling capacitor
DCOUPL2
32
Power (digital)
1.8-V regulated digital-supply decoupling capacitor. Short this pin to pin 56.
DGND_USB
1
Ground (USB pads)
USB ground
DVDD
10, 15, 24, Power (digital)
2-V–3.6-V digital power-supply connection
55
DVDD_USB
4
Power (USB pads)
3.3-V USB power-supply connection
JTAG_TCK
47
Digital I/O
JTAG TCK
JTAG_TMS
46
Digital I/O
JTAG TMS
PA0
16
Digital/analog I/O
GPIO port A pin 0. ROM bootloader UART RXD
PA1
17
Digital/analog I/O
GPIO port A pin 1. ROM bootloader UART TXD
PA2
18
Digital/analog I/O
GPIO port A pin 2. ROM bootloader SSI CLK
PA3
19
Digital/analog I/O
GPIO port A pin 3. ROM bootloader SSI SEL
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: CC2538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com