Electronic Components Datasheet Search
  English  ▼

X  

CC2538 Datasheet(PDF) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2538
Description  A Powerful System-On-Chip for 2.4-GHz IEEE 802.15.4, 6LoWPAN and ZigBee Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2538 Datasheet(HTML) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  CC2538 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2538 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2538 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2538 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2538 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2538 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2538 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2538 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2538 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
CC2538
SWRS096A – DECEMBER 2012 – REVISED APRIL 2013
www.ti.com
APPLICATIONS
•
Smart Grid and Home Area Network
•
Home and Building Automation
•
Intelligent Lighting Systems
•
Wireless Sensor Networks
•
Internet of Things
DESCRIPTION
The CC2538xFnn is the ideal SoC for high-performance ZigBee applications. It combines a powerful ARM Cortex
M3-based MCU system with up to 32K on-chip RAM and up to 512 K on-chip flash with a robust IEEE 802.15.4
radio. This enables it to handle complex network stacks with security, demanding applications, and over-the-air
download. Thirty-two GPIOs and serial peripherals enable simple connections to the rest of the board. The
powerful security accelerators enable quick and efficient authentication and encryption while leaving the CPU
free to handle application tasks. The low-power modes with retention enable quick startup from sleep and
minimum energy spent to perform periodic tasks. For a smooth development, the CC2538xFnn includes a
powerful debugging system and a comprehensive driver library. To reduce the application flash footprint,
CC2538xFnn ROM includes a utility function library and a serial boot loader. Combined with the free to use
Z-Stack PRO or ZigBee IP stacks from Texas Instruments, the CC2538 provides the most capable and robust
ZigBee solution in the market
Table 1. CC2538 Family of Devices Available
DEVICE
FLASH (kB)
RAM (kB)
SECURITY HW AES/SHA SECURITY HW ECC/RSA
CC2538SF53
512
32
Yes
Yes
CC2538SF23
256
32
Yes
Yes
CC2538NF53
512
32
Yes
No
CC2538NF23
256
32
Yes
No
CC2538NF11
128
16
Yes
No
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: CC2538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com