Electronic Components Datasheet Search
  English  ▼

X  

SFH5712 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH5712
Description  Hochgenauer Umgebungslichtsensor mit I짼C Bus Schnittstelle
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5712 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH5712 Datasheet HTML 1Page - OSRAM GmbH SFH5712 Datasheet HTML 2Page - OSRAM GmbH SFH5712 Datasheet HTML 3Page - OSRAM GmbH SFH5712 Datasheet HTML 4Page - OSRAM GmbH SFH5712 Datasheet HTML 5Page - OSRAM GmbH SFH5712 Datasheet HTML 6Page - OSRAM GmbH SFH5712 Datasheet HTML 7Page - OSRAM GmbH SFH5712 Datasheet HTML 8Page - OSRAM GmbH SFH5712 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SFH 5712
2010-03-31
5
Maximum Ratings
Parameter
Symbol
Value
Unit
Storage temperature
T
stg
– 40 … + 85
°C
Supply voltage
V
DD
-0.3 ... +4.5
V
I²C - Bus voltage
V
IO
-0.3 ... +2.5
V
Electrostatic discharge
Human Body Model according to
EOS/ESD-5.1-1993
ESD
hbm
2
kV
Electrostatic discharge
charge device model according to
JEDEC JESD22-C101D
ESD
cdm
500
V
Operating Conditions
Parameter
Symbol
Value
Unit
min.
typ.
max.
Operating temperature
T
op
-15
70
°C
Supply voltage
V
DD
2.3
3.0
V
Supply voltage ripple
(frequency: 0...100Mhz, sinus wave)
dV
DD
100
mV
Digital output range
Out
3
65k
counts
I²C - Bus voltage
V
IO
1.6
2.0
V
Output current „Low“
1)
1)
FAST MODE PLUS: requirement of Iout_low 20mA is not met.
I
IO
3
12
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com