Electronic Components Datasheet Search
  English  ▼

X  

SFH5712 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH5712
Description  Hochgenauer Umgebungslichtsensor mit I짼C Bus Schnittstelle
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5712 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH5712 Datasheet HTML 2Page - OSRAM GmbH SFH5712 Datasheet HTML 3Page - OSRAM GmbH SFH5712 Datasheet HTML 4Page - OSRAM GmbH SFH5712 Datasheet HTML 5Page - OSRAM GmbH SFH5712 Datasheet HTML 6Page - OSRAM GmbH SFH5712 Datasheet HTML 7Page - OSRAM GmbH SFH5712 Datasheet HTML 8Page - OSRAM GmbH SFH5712 Datasheet HTML 9Page - OSRAM GmbH SFH5712 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SFH 5712
2010-03-31
6
Characteristics
Parameter
Symbol
Value
Unit
min.
typ.
max.
Mean current consumption
ACTIVE mode, E
V = 0lx, VDD = 2.5 V
I
DD
145
200
μA
Mean current consumption
ACTIVE mode, E
V = 1000lx, VDD = 2.5 V
I
DD
170
μA
Mean current consumption
STAND-BY mode, V
DD = 2.5 V
I
DD
2.5
μA
Spectral range of sensitivity
λ
20%
400 ...
680
nm
Wavelength of max. photosensitivity
λ
s max
500
nm
Dimensions of radiant sensitive area
L x W
0.4 x
0.4
mm x mm
I²C power up time after Vdd “ON“
(see Appendix 1: flicker reduction and timing)
t
on
40
µs
Output update time for first measurement
(see Appendix 1: flicker reduction and timing)
t
upd
1
1.5
ms
Resolution of the digital output signal
(3lx ....65klx)
Out
1
count/lx
Digital output signal variation
for V
DD = VDD, min to VDD, max; EV = 1000lx
± 10
counts
Deviation from linear output characteristics
1)
X = 100-65klx
X = 10-100lx
X = 3-10lx
f
lin
±5
±10
±20
%
Temperature coefficient of the output signal
T
op= 0...50°C
T
op= -15...0°C & 50...70°C
(1000lx; Norm light A)
TC
EV
<0.2
<0.25
%/K
Flicker reduction at the output
(noise frequency: 50...60Hz)
(see Appendix 1: flicker reduction and timing)
13
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com