Electronic Components Datasheet Search
  English  ▼

X  

FSOC240RT Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # FSOC240RT
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC240RT Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button FSOC240RT Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
CG01-I
257
EMI LEADED FILTERS
EMI SUPPRESSION FILTERS
VARISTOR-CAPACITOR
The DSS710 uses a capacitor element which provides the varistor
function. This varistor-capacitor not only works as a bypass
capacitor but also lets high-voltage surges flow to ground.
The varistor-capacitor used in the DSS710 has a 3-lead structure,
so that its high frequency functions are substantially better than
those of conventional capacitors. Furthermore, it is combined with
ferrite bead to form a T-shaped filter circuit that most effectively
suppresses EMI.
The DSS710 efficiently removes fast-rising transients and
high-frequency EMI above 50 or 60 MHz which conventional
capacitors and varistor-capacitors are incapable of removing.
Varistor-capacitors are used even where conventional EMI-filters
fail. They are self-healing and effective in circuits having
500-600V impulses.
PART NUMBERING SYSTEM
SPECIFICATIONS
DIMENSIONS: mm
0
20
40
60
80
100
0.01 0.05 0.1
0.5
1
5
10
50 100 500 1000
Frequency (MHz)
DSS710
D
223S
12
—
22
SERIES
TEMPERATURE
CAPACITANCE
RATED
VARISTOR
CHARACTERISTICS
AND
VOLTAGE
VOLTAGE
TOLERANCE
TYPICAL INSERTION LOSS CHARACTERISTICS
F
10.5 max.
12.0 max.
2.5 ± 0.5
2.5 ± 0.2
Mounting Holes
F = 5.0 ± 0.5
F1 = 2.5 ± 0.5
F2 = 2.5 ± 0.2
DSS710 Series
‚Available as standard through authorized Murata Electronics Distributors.
Part Number
‚DSS710 D223 S 12-22
Capacitance
22000pF
%
DF
5.0% max.
Insulation Resistance
1M Ohms min.
IC (max.)
7 A
Rated Voltage
12VDC
Varistor Voltage
22VDC ± 20% (V1mA)
Voltage Nonlinear Factor
1.25 max. (V10mA/V1mA)
Temperature Characteristics
% (–25°C to +85°C)
Operating Temperature Range
–40°C to +100°C
Inductance
0.8 H x 2 (1kHz)
VOLTAGE – CURRENT CURVE
7.5 max.
F
1
2.5 max.
25.0 min.
3 x 0.8
F2 F2
0.65
Voltage (V)
+50
–20
+20
–30
–40 –30 –20 –10
0
10
20
30 40
300
200
100
–100
–200
–300
Note: Footprint for Bulk and Tape & Reel are different. Consult your local
Murata Electronics Sales Office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com