Electronic Components Datasheet Search
  English  ▼

X  

FSOC240RT Datasheet(PDF) 15 Page - Murata Manufacturing Co., Ltd.

Part # FSOC240RT
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC240RT Datasheet(HTML) 15 Page - Murata Manufacturing Co., Ltd.

Back Button FSOC240RT Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
s Suppression of DC side ripple of the switching
power supply
s When BNX002 is not used
(High frequency noise,
max. 0.5V, can be seen.
)
+5.0V
50 s/DIV
0.2V/DIV
s When BNX002 is used
(Noise can be almost
eliminated by BNX002.
)
+5.0V
50 s/DIV
0.2V/DIV
CG01-I
261
EMI LEADED FILTERS
EMI SUPPRESSION FILTERS
BLOCK FILTERS
BNX002/003/005 Series
USING THE BNX SERIES EFFECTIVELY
The block type filter effectively prevents unwanted reflections
and external noise from entering the equipment circuitry and
power lines by grounding all the high frequency components
which make up the noise.
To maximize performance, proper grounding is required. To
insure proper grounding, observe the following points:
s When designing the PC board, use all the available
grounding terminals and arrange the circuit to maximize
the area of the ground pattern.
s Minimize the distance between the PC board ground and
the filter’s grounding plate.
s Insert the filter into the PC board up to the terminal roots.
s Do not externally connect PSG to CG.
BNX003-01
BNX002-01
&
BNX005-01
TYPICAL INSERTION LOSS CHARACTERISTICS
APPLICATION
Switching
Power Supply
BNX002-01
+5V
CG
0.001
0.01
0.1
1
10
100
1000
Frequency (MHz)
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com